Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7752A Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7752A
Description  Polyphase Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752A Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7752A Datasheet HTML 5Page - Analog Devices ADE7752A Datasheet HTML 6Page - Analog Devices ADE7752A Datasheet HTML 7Page - Analog Devices ADE7752A Datasheet HTML 8Page - Analog Devices ADE7752A Datasheet HTML 9Page - Analog Devices ADE7752A Datasheet HTML 10Page - Analog Devices ADE7752A Datasheet HTML 11Page - Analog Devices ADE7752A Datasheet HTML 12Page - Analog Devices ADE7752A Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADE7752/ADE7752A
Rev. C | Page 9 of 24
20
15
10
5
–5
0
CH_I PhA OFFSET (mV)
18
9
0
–20
–10
–15
12
6
3
15
N: 88
MEAN: 4.48045
SD: 3.23101
MIN: –2.47468 MAX: 12.9385
RANGE: 15.4132
60
65
55
50
FREQUENCY (Hz)
0.5
–0.1
–0.5
45
0.4
0
–0.2
–0.4
0.2
0.1
–0.3
0.3
PF = 0.5
PF = 1
WYE CONNECTION
ON-CHIP REFERENCE
Figure 12. Channel 1 Offset Distribution
Figure 10. Error as a Percent of Reading over Frequency
with an Internal Reference (Wye Connection)
100
10
0.5
–0.1
–0.5
0.1
1
0.4
0
–0.2
–0.4
0.2
0.1
–0.3
0.3
CURRENT CHANNEL (% of Full Scale)
WYE CONNECTION
ON-CHIP REFERENCE
5V
5.25V
4.75V
100
10
0.5
–0.1
–0.5
0.1
1
0.4
0
–0.2
–0.4
0.2
0.1
–0.3
0.3
WYE CONNECTION
EXTERNAL REFERENCE
5V
5.25V
4.75V
CURRENT CHANNEL (% of Full Scale)
Figure 13. Error as a Percent of Reading over Power Supply
with Internal Reference (Wye Connection)
Figure 11. Error as a Percent of Reading over Power Supply
with External Reference (Wye Connection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com