Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESOSQTP Datasheet(PDF) 44 Page - Microchip Technology

Part # PIC16F1512T-ESOSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESOSQTP Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F1512T-ESOSQTP Datasheet HTML 40Page - Microchip Technology PIC16F1512T-ESOSQTP Datasheet HTML 41Page - Microchip Technology PIC16F1512T-ESOSQTP Datasheet HTML 42Page - Microchip Technology PIC16F1512T-ESOSQTP Datasheet HTML 43Page - Microchip Technology PIC16F1512T-ESOSQTP Datasheet HTML 44Page - Microchip Technology PIC16F1512T-ESOSQTP Datasheet HTML 45Page - Microchip Technology PIC16F1512T-ESOSQTP Datasheet HTML 46Page - Microchip Technology PIC16F1512T-ESOSQTP Datasheet HTML 47Page - Microchip Technology PIC16F1512T-ESOSQTP Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 348 page
background image
PIC16(L)F1512/3
DS41624B-page 44
Preliminary
 2012 Microchip Technology Inc.
FIGURE 5-1:
SIMPLIFIED PIC® MCU CLOCK SOURCE BLOCK DIAGRAM
OSC2
OSC1
Primary
Oscillator
(OSC)
SOSCO/
T1CKI
SOSCI
Secondary
Oscillator
(SOSC)
16 MHz
Primary Osc
Start-Up Osc
LF-INTOSC
(31.25 kHz)
IRCF<3:0>
INTOSC
Primary Clock
Secondary Clock
01
00
1x
Low-Power Mode
Event Switch
(SCS<1:0>)
2
4
Secondary Oscillator
Primary Oscillator
Internal Oscillator
HF-16 MHz
HF-4 MHz
HF-2 MHz
HF-1 MHz
HF-500 kHz
HF-250 kHz
HF-125 kHz
HF-62.5 kHz
HF-31.25 kHz
LF-31 kHz
HF-8 MHz
4
1111
1110
1101
1100
1011
1010/
0111
1001/
0110
1000/
0101
0100
0011
0010
0001
0000
/1
/2
/4
/8
/16
/32
/64
/128
/256
/512
Start-up
Control
Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com