Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1512T-ESPSQTP Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F1512T-ESPSQTP
Description  28-Pin Flash Microcontrollers with XLP Technology
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1512T-ESPSQTP Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F1512T-ESPSQTP Datasheet HTML 17Page - Microchip Technology PIC16F1512T-ESPSQTP Datasheet HTML 18Page - Microchip Technology PIC16F1512T-ESPSQTP Datasheet HTML 19Page - Microchip Technology PIC16F1512T-ESPSQTP Datasheet HTML 20Page - Microchip Technology PIC16F1512T-ESPSQTP Datasheet HTML 21Page - Microchip Technology PIC16F1512T-ESPSQTP Datasheet HTML 22Page - Microchip Technology PIC16F1512T-ESPSQTP Datasheet HTML 23Page - Microchip Technology PIC16F1512T-ESPSQTP Datasheet HTML 24Page - Microchip Technology PIC16F1512T-ESPSQTP Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 348 page
background image
TABLE 3-3:
PIC16(L)F1512 MEMORY MAP (BANKS 0-7)
Legend:
= Unimplemented data memory locations, read as ‘0’.
Note
1:
PIC16F1512 only.
BANK 0
BANK 1
BANK 2
BANK 3
BANK 4
BANK 5
BANK 6
BANK 7
000h
Core Registers
(Table 3-2)
080h
Core Registers
(Table 3-2)
100h
Core Registers
(Table 3-2)
180h
Core Registers
(Table 3-2)
200h
Core Registers
(Table 3-2)
280h
Core Registers
(Table 3-2)
300h
Core Registers
(Table 3-2)
380h
Core Registers
(Table 3-2)
00Bh
08Bh
10Bh
18Bh
20Bh
28Bh
30Bh
38Bh
00Ch
PORTA
08Ch
TRISA
10Ch
LATA
18Ch
ANSELA
20Ch
—
28Ch
—
30Ch
—
38Ch
—
00Dh
PORTB
08Dh
TRISB
10Dh
LATB
18Dh
ANSELB
20Dh
WPUB
28Dh
—
30Dh
—
38Dh
—
00Eh
PORTC
08Eh
TRISC
10Eh
LATC
18Eh
ANSELC
20Eh
—28Eh
—30Eh
—38Eh
—
00Fh
—08Fh
—10Fh
—18Fh
—20Fh
—28Fh
—30Fh
—38Fh
—
010h
PORTE
090h
TRISE
110h
—190h
—
210h
WPUE
290h
—
310h
—
390h
—
011h
PIR1
091h
PIE1
111h
—
191h
PMADRL
211h
SSP1BUF
291h
CCPR1L
311h
—
391h
—
012h
PIR2
092h
PIE2
112h
—
192h
PMADRH
212h
SSP1ADD
292h
CCPR1H
312h
—
392h
—
013h
—093h
—113h
—
193h
PMDATL
213h
SSP1MSK
293h
CCP1CON
313h
—
393h
—
014h
—094h
—114h
—
194h
PMDATH
214h
SSP1STAT
294h
—
314h
—
394h
IOCBP
015h
TMR0
095h
OPTION_REG
115h
—
195h
PMCON1
215h
SSP1CON1
295h
—
315h
—
395h
IOCBN
016h
TMR1L
096h
PCON
116h
BORCON
196h
PMCON2
216h
SSP1CON2
296h
—
316h
—
396h
IOCBF
017h
TMR1H
097h
WDTCON
117h
FVRCON
197h
VREGCON(1)
217h
SSP1CON3
297h
—
317h
—
397h
—
018h
T1CON
098h
—118h
—198h
—218h
—
298h
CCPR2L
318h
—
398h
—
019h
T1GCON
099h
OSCCON
119h
—
199h
RCREG
219h
—
299h
CCPR2H
319h
—
399h
—
01Ah
TMR2
09Ah
OSCSTAT
11Ah
—
19Ah
TXREG
21Ah
—
29Ah
CCP2CON
31Ah
—39Ah
—
01Bh
PR2
09Bh
ADRES0L
11Bh
—
19Bh
SPBRGL
21Bh
—29Bh
—31Bh
—39Bh
—
01Ch
T2CON
09Ch
ADRES0H
11Ch
—
19Ch
SPBRGH
21Ch
—
29Ch
—
31Ch
—
39Ch
—
01Dh
—
09Dh
ADCON0
11Dh
APFCON
19Dh
RCSTA
21Dh
—
29Dh
—
31Dh
—
39Dh
—
01Eh
—
09Eh
ADCON1
11Eh
—
19Eh
TXSTA
21Eh
—29Eh
—31Eh
—39Eh
—
01Fh
—09Fh
—11Fh
—
19Fh
BAUDCON
21Fh
—29Fh
—31Fh
—39Fh
—
020h
General
Purpose
Register
80 Bytes
0A0h General Purpose
Register
32 Bytes
120h
Unimplemented
Read as ‘0’
1A0h
Unimplemented
Read as ‘0’
220h
Unimplemented
Read as ‘0’
2A0h
Unimplemented
Read as ‘0’
320h
Unimplemented
Read as ‘0’
3A0h
Unimplemented
Read as ‘0’
0BFh
0C0h
Unimplemented
Read as ‘0’
06Fh
0EFh
16Fh
1EFh
26Fh
2EFh
36Fh
3EFh
070h
Common RAM
0F0h
Common RAM
(Accesses
70h – 7Fh)
170h
Common RAM
(Accesses
70h – 7Fh)
1F0h
Common RAM
(Accesses
70h – 7Fh)
270h
Common RAM
(Accesses
70h – 7Fh)
2F0h
Common RAM
(Accesses
70h – 7Fh)
370h
Common RAM
(Accesses
70h – 7Fh)
3F0h
Common RAM
(Accesses
70h – 7Fh)
07Fh
0FFh
17Fh
1FFh
27Fh
2FFh
37Fh
3FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com