Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD977 Datasheet(PDF) 8 Page - Analog Devices

Part # AD977
Description  16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD977 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD977 Datasheet HTML 4Page - Analog Devices AD977 Datasheet HTML 5Page - Analog Devices AD977 Datasheet HTML 6Page - Analog Devices AD977 Datasheet HTML 7Page - Analog Devices AD977 Datasheet HTML 8Page - Analog Devices AD977 Datasheet HTML 9Page - Analog Devices AD977 Datasheet HTML 10Page - Analog Devices AD977 Datasheet HTML 11Page - Analog Devices AD977 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD977/AD977A
–8–
REV. D
CONVERSION CONTROL
The AD977/AD977A is controlled by two signals: R/
C and CS.
When R/
C is brought low, with CS low, for a minimum of 50 ns,
the input signal will be held on the internal capacitor array and
a conversion “n” will begin. Once the conversion process does
begin, the
BUSY signal will go low until the conversion is com-
plete. Internally, the signals R/
C and CS are OR’d together and
there is no requirement on which signal is taken low first when
initiating a conversion. The only requirement is that there be at
least 10 ns of delay between the two signals being taken low.
After the conversion is complete the
BUSY signal will return
high and the AD977/AD977A will again resume tracking the
input signal. Under certain conditions the
CS pin can be tied
Low and R/
C will be used to determine whether you are initiat-
ing a conversion or reading data. On the first conversion, after
the AD977/AD977A is powered up, the DATA output will be
indeterminate.
Conversion results can be clocked serially out of the AD977/
AD977A using either an internal clock, generated by the
AD977/AD977A, or by using an external clock. The AD977/
AD977A is configured for the internal data clock mode by pull-
ing the EXT/
INT pin low. It is configured for the external clock
mode by pulling the EXT/
INT pin high.
INTERNAL DATA CLOCK MODE
The AD977/AD977A is configured to generate and provide the
data clock when the EXT/
INT pin is held low. Typically CS will
be tied low and R/
C will be used to initiate a conversion “n.”
During the conversion the AD977/AD977A will output 16 bits of
data, MSB first, from conversion “n-1” on the DATA pin. This
data will be synchronized with 16 clock pulses provided on the
DATACLK pin. The output data will be valid on both the
rising and falling edge of the data clock as shown in Figure 3.
After the LSB has been presented, the DATA pin will assume
whatever state the TAG input was at during the start of con-
version, and the DATACLK pin will stay low until another
conversion is initiated.
EXTERNAL DATA CLOCK MODE
The AD977/AD977A is configured to accept an externally sup-
plied data clock when the EXT/
INT pin is held high. This mode
of operation provides several methods by which conversion
results can be read from the AD977/AD977A. The output data
from conversion “n-1” can be read during conversion “n,” or the
output data from conversion “n” can be read after the conver-
sion is complete. The external clock can be either a continuous
or discontinuous clock. A discontinuous clock can be either
t1
t3
t2
t5
t6
t4
t7
CS, R/C
MODE
ACQUIRE
CONVERT
ACQUIRE
CONVERT
BUSY
Figure 2. Basic Conversion Timing
BUSY
R/C
t8
t11
t6
DATACLK
t1
t9
t10
MSB VALID
BIT 14
VALID
BIT 13
VALID
BIT 1
VALID
LSB VALID
t2
12
3
15
16
DATA
Figure 3. Serial Data Timing for Reading Previous Conversion Results with Internal Clock (
CS, EXT/ INT and TAG Set to
Logic Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com