Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD5064EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-AD5064EBZ
Description  Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5064EBZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-AD5064EBZ Datasheet HTML 1Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 2Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 3Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 4Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD5064EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
AD5024/AD5044/AD5064
Rev. F | Page 3 of 28
SPECIFICATIONS
VDD = 4.5 V to 5.5 V, RL = 5 kΩ to GND, CL = 200 pF to GND, 2.5 V ≤ VREFIN ≤ VDD, unless otherwise specified. All specifications TMIN to
TMAX, unless otherwise noted.
Table 2.
Parameter
B Grade1
A Grade1, 2
Unit
Conditions/Comments
Min
Typ
Max
Min
Typ
Max
STATIC PERFORMANCE3
Resolution
16
16
Bits
AD5064/AD5064-1
14
Bits
AD5044
12
Bits
AD5024
Relative Accuracy (INL)4
±0.5
±1
±0.5
±4
LSB
AD5064/AD5064-1; TA = −40°C to
+105°C
±0.5
±2
±0.5
±4
LSB
AD5064/AD5064-1; TA = −40°C to
+125°C
±0.25
±1
LSB
AD5044
±0.12
±0.5
LSB
AD5024
Differential Nonlinearity (DNL)4
±0.2
±1
±0.2
±1
LSB
Total Unadjusted Error
±2
±2
mV
VREF = 2.5 V, VDD = 5.5 V
Offset Error4, 5
±0.2
±1.8
±0.2
±1.8
mV
Offset Error Temperature
Coefficient4, 6
±2
±2
µV/°C
Full-Scale Error4
±0.01
±0.07
±0.01
±0.07
% FSR
All 1s loaded to DAC register, VREF
< VDD
Gain Error4
±0.005
±0.05
±0.005
±0.05
% FSR
VREF
< VDD
Gain Temperature Coefficient4, 6
±1
±1
ppm
FSR/°C
DC Crosstalk4, 6
40
40
µV
Due to single-channel, full-scale output
change, RL = 5 kΩ to GND or VDD
40
40
µV/mA
Due to load current change
40
40
µV
Due to powering down (per channel)
OUTPUT CHARACTERISTICS6
Output Voltage Range
0
VDD
0
VDD
V
Capacitive Load Stability
1
1
nF
RL = 5 kΩ, RL =100 kΩ, and RL = ∞
DC Output Impedance
Normal Mode
0.5
0.5
Ω
Power-Down Mode
Output Connected to
100 kΩ Network
100
100
kΩ
Output impedance tolerance ± 20 kΩ
Output Connected to
1 kΩ Network
1
1
kΩ
Output impedance tolerance ± 400 Ω
Short-Circuit Current
60
60
mA
DAC = full scale, output shorted to GND
45
45
mA
DAC = zero scale, output shorted to VDD
Power-Up Time7
4.5
4.5
µs
DC PSRR
−92
−92
dB
VDD ± 10%, DAC = full scale, VREF
< VDD
REFERENCE INPUTS
Reference Input Range
2.2
VDD
2.2
VDD
V
Reference Current
35
50
35
50
µA
Per DAC channel; individual reference
option
140
160
140
160
µA
Single reference option
Reference Input Impedance
120
120
kΩ
Individual reference option
32
32
kΩ
Single reference option
LOGIC INPUTS
Input Current8
±1
±1
µA
Input Low Voltage, VINL
0.8
0.8
V
Input High Voltage, VINH
2.2
2.2
V
Pin Capacitance6
4
4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com