Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5232 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5232
Description  Nonvolatile Memory,Dual 256-Position Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5232 Datasheet(HTML) 2 Page - Analog Devices

  AD5232 Datasheet HTML 1Page - Analog Devices AD5232 Datasheet HTML 2Page - Analog Devices AD5232 Datasheet HTML 3Page - Analog Devices AD5232 Datasheet HTML 4Page - Analog Devices AD5232 Datasheet HTML 5Page - Analog Devices AD5232 Datasheet HTML 6Page - Analog Devices AD5232 Datasheet HTML 7Page - Analog Devices AD5232 Datasheet HTML 8Page - Analog Devices AD5232 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5232
Data Sheet
Rev. C | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics—10 kΩ, 50 kΩ, 100 kΩ Versions .. 3
Interface Timing Characteristics................................................ 5
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Test Circuits..................................................................................... 12
Theory of Operation ...................................................................... 14
Scratch Pad and EEMEM Programming................................. 14
Basic Operation .......................................................................... 14
EEMEM Protection.................................................................... 14
Digital Input/Output Configuration........................................ 14
Serial Data Interface................................................................... 15
Daisy-Chaining Operation........................................................ 15
Advanced Control Modes ......................................................... 17
Using Additional Internal, Nonvolatile EEMEM................... 18
Terminal Voltage Operating Range ......................................... 18
Detailed Potentiometer Operation .......................................... 18
Programming the Variable Resistor......................................... 19
Programming the Potentiometer Divider............................... 20
Operation from Dual Supplies ................................................. 20
Application Programming Examples ...................................... 20
Equipment Customer Start-up Sequence
for a PCB Calibrated Unit with Protected Settings................ 21
Flash/EEMEM Reliability.......................................................... 21
Evaluation Board ........................................................................ 21
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
11/13—Rev. B to Rev. C
Changed t16 from 25 ms (max) to 25 ms (typ); Table 2 ............... 5
Changes to Ordering Guide .......................................................... 22
09/11—Rev. A to Rev. B
Change to Resistor Noise Voltage Parameter in Table 1 ............. 4
10/09—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Changes to Data Sheet Title ............................................................ 1
Changes to Features Section............................................................ 1
Changes to Applications Section.....................................................1
Change to Wiper Resistance Parameter, Table 1...........................3
Changes to CS Rise to RDY Fall Time Parameter, Table 2...........5
Changes to Figure 2 and Figure 3....................................................6
Changes to Figure 24...................................................................... 12
Added Figure 32 ............................................................................. 13
Changes to Serial Data Interface Section .................................... 15
Changes to Programming the Variable Resistor Section .......... 19
Changes to Ordering Guide.......................................................... 22
10/01—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com