Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7858LBR3 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7858LBR3
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858LBR3 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7858LBR3 Datasheet HTML 8Page - Analog Devices AD7858LBR3 Datasheet HTML 9Page - Analog Devices AD7858LBR3 Datasheet HTML 10Page - Analog Devices AD7858LBR3 Datasheet HTML 11Page - Analog Devices AD7858LBR3 Datasheet HTML 12Page - Analog Devices AD7858LBR3 Datasheet HTML 13Page - Analog Devices AD7858LBR3 Datasheet HTML 14Page - Analog Devices AD7858LBR3 Datasheet HTML 15Page - Analog Devices AD7858LBR3 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
REV. B
–12–
AD7858/AD7858L
MSB
ZERO
BUSY
SGL/
DIFF
CH2
CH1
CH0
PMGT1
PMGT0
RDSLT1
RDSLT0
2/
3 MODE
X
CALMD
CALSLT1
CALSLT0
STCAL
LSB
STATUS REGISTER BIT FUNCTION DESCRIPTION
Bit
Mnemonic
Comment
15
ZERO
This bit is always 0.
14
BUSY
Conversion/Calibration Busy Bit. When this bit is 1, it indicates that there is a conversion
or calibration in progress. When this bit is 0, there is no conversion or calibration in progress.
13
SGL/
DIFF
These four bits indicate the channel selected for conversion (see Table III).
12
CH2
11
CH1
10
CH0
9
PMGT1
Power management bits. These bits along with the
SLEEP pin will indicate if the part is in a
8
PMGT0
power-down mode or not. See Table VI for description.
7
RDSLT1
Both of these bits are always 1, indicating it is the status register being read (see Table II).
6
RDSLT0
52/
3 MODE
Interface Mode Select Bit. With this bit at 0, the device is in Interface Mode 2. With this bit at
1, the device is in Interface Mode 1. This bit is reset to 0 after every read cycle.
4X
Don’t care bit.
3
CALMD
Calibration Mode Bit. A 0 in this bit indicates a self-calibration is selected, and a 1 in this bit
indicates a system calibration is selected (see Table IV).
2
CALSLT1
Calibration Selection Bits and Start Calibration Bit. The STCAL bit is read as a 1 if a
1
CALSLT0
calibration is in progress and as a 0 if there is no calibration in progress. The CALSLT1 and
0
STCAL
CALSLT0 bits indicate which of the calibration registers are addressed for reading and writing
(see section on the Calibration Registers for more details).
STATUS REGISTER
The arrangement of the Status Register is shown below. The status register is a read-only register and contains 16 bits of data. The
status register is selected by first writing to the control register and putting two 1s in RDSLT1 and RDSLT0. The function of the bits
in the status register are described below. The power-up status of all bits is 0.
START
WRITE TO CONTROL REGISTER
SETTING RDSLT0 = RDSLT1 = 1
READ STATUS REGISTER
Figure 6. Flowchart for Reading the Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com