Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC821AD Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 74LVC821AD
Description  10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

74LVC821AD Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 74LVC821AD Datasheet HTML 5Page - List of Unclassifed Manufacturers 74LVC821AD Datasheet HTML 6Page - List of Unclassifed Manufacturers 74LVC821AD Datasheet HTML 7Page - List of Unclassifed Manufacturers 74LVC821AD Datasheet HTML 8Page - List of Unclassifed Manufacturers 74LVC821AD Datasheet HTML 9Page - List of Unclassifed Manufacturers 74LVC821AD Datasheet HTML 10Page - List of Unclassifed Manufacturers 74LVC821AD Datasheet HTML 11Page - List of Unclassifed Manufacturers 74LVC821AD Datasheet HTML 12Page - List of Unclassifed Manufacturers 74LVC821AD Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9397 750 13276
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2004
9 of 20
Philips Semiconductors
74LVC821A
10-bit D-type flip-flop with 5 V tolerant inputs/outputs
[1]
All typical values are measured Tamb =25 °C.
[2]
These typical values are measured at VCC = 3.3 V.
11. Dynamic characteristics
Table 8:
Dynamic characteristics
GND = 0 V; tr =tf ≤ 2.5 ns; CL = 50 pF; RL = 500 Ω; for test circuit see Figure 10
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tPHL, tPLH propagation delay CP to Qn
see Figure 7
VCC = 1.2 V
-
18
-
ns
VCC = 2.7 V
1.5
-
8.5
ns
VCC = 3.0 V to 3.6 V
[2] 1.5
3.7
7.3
ns
tPZH, tPZL 3-state output enable time OE to Qn
see Figure 9
VCC = 1.2 V
-
20
-
ns
VCC = 2.7 V
1.5
-
8.8
ns
VCC = 3.0 V to 3.6 V
[2] 1.3
3.5
7.6
ns
tPHZ, tPLZ 3-state output disable time OE to Qn
see Figure 9
VCC = 1.2 V
-
9.0
-
ns
VCC = 2.7 V
1.5
-
6.8
ns
VCC = 3.0 V to 3.6 V
[2] 1.5
3.0
6.2
ns
tW
clock pulse width HIGH or LOW
see Figure 7
VCC = 1.2 V
-
-
-
ns
VCC = 2.7 V
3.3
-
-
ns
VCC = 3.0 V to 3.6 V
[2] 3.3
1.7
-
ns
tsu
set-up time Dn to CP
see Figure 8
VCC = 1.2 V
-
-
-
ns
VCC = 2.7 V
0.9
-
-
ns
VCC = 3.0 V to 3.6 V
[2] 1.9
0.6
-
ns
th
hold time Dn to CP
see Figure 8
VCC = 1.2 V
-
-
-
ns
VCC = 2.7 V
1.5
-
-
ns
VCC = 3.0 to 3.6 V
[2] 1.5
0.0
-
ns
fmax
maximum clock frequency
see Figure 7
VCC = 1.2 V
-
-
-
MHz
VCC = 2.7 V
150
-
-
MHz
VCC = 3.0 V to 3.6 V
[2] 150
200
-
MHz
tsk(0)
skew
VCC = 3.0 V to 3.6 V
[3] -
-
1.0
ns
CPD
power dissipation capacitance per gate
VCC = 3.3 V
[4] [5]
outputs enabled
-
17
-
pF
outputs disabled
-
11
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com