Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7066 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APW7066
Description  Dual Synchronous Buck PWM Controllers and One Linear Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7066 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APW7066_09 Datasheet HTML 17Page - Anpec Electronics Coropration APW7066_09 Datasheet HTML 18Page - Anpec Electronics Coropration APW7066_09 Datasheet HTML 19Page - Anpec Electronics Coropration APW7066_09 Datasheet HTML 20Page - Anpec Electronics Coropration APW7066_09 Datasheet HTML 21Page - Anpec Electronics Coropration APW7066_09 Datasheet HTML 22Page - Anpec Electronics Coropration APW7066_09 Datasheet HTML 23Page - Anpec Electronics Coropration APW7066_09 Datasheet HTML 24Page - Anpec Electronics Coropration APW7066_09 Datasheet HTML 25Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Aug., 2009
APW7066
www.anpec.com.tw
21
Function Description
Figure 1. Independent Mode Circuit
Figure 2.DDR Mode Circuit
Table1. Mode and Phase Selection
MODE
SS2/EN2 REFOUT REFIN
PHASE
SHIFT
CH1/CH2
DDR
VCC
VCC
VOUT1
0 deg
DDR
VCC
Open
VOUT1 90 deg
SS1/EN1
for CH1
and CH2
Independent SS2 cap
VCC
VREF
0 deg
Independent SS2 cap
Open
VREF 180 deg
SS1/EN1
for CH1
SS2/EN2
for CH2
The advantage of Phase shift is to avoid overlapping the
switching current spikes of the two channels, or interac-
tion between the channels; it also reduces the RMS cur-
rent of the input capacitors, allowing fewer caps to be
employed. However, the phase shift between the rising
edge of LGATE1 and LGATE2 (See figure 3.), depending
on the duty cycles, the falling edges of the two channels
might overlap; so the user should check it.
Figure 3. Phase of LG2 with respect to rising edge of LG1
Operational Modes
The APW7066 has two independent synchronous buck
converters, and it also has DDR mode operation to allow
VOUT2 to track VOUT1.
In independent mode operation, connect a capacitor from
each SS/EN pin to the ground to set each regulator’s soft-
start time. The 3.3V reference VREF can be used directly,
or divided by two resistors for REFIN, since the VREF is
controlled by the SS2/EN2.
DDR mode is chosen by connecting the SS2/EN2 pin to
VCC(5V). In this mode, SS2/EN2 function will be disabled,
SS1/EN1 is used to control soft start and enable both
VOUT1 and VOUT2. The VOUT1 is used as the REFIN for
the VOUT2, that makes VOUT2 to track VOUT1.
VREF
REFIN
SS3/EN3
SS2/EN2
SS1/EN1
GND
REFIN
SS3/EN3
SS2/EN2
SS1/EN1
GND
VOUT1
VCC
Phase Shift
The APW7066 has phase shift function, use the REFOUT
pin to select the phase shift between Independent mode
and DDR mode. Connect the REFOUT to VCC to get the 0
degre in either mode. In this case, the buffer of the
REFOUT is disabled. Leave the REFOUT open shifts the
phase 90 degrees in DDR mode, or 180 degrees in Inde-
pendent mode, REFOUT can be used in this case (see
Table 1.).
0
90
180
0
LG1
LG2
(0deg)
LG2
(90deg)
LG2
(180deg)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com