Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7098 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APW7098
Description  Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7098 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APW7098 Datasheet HTML 9Page - Anpec Electronics Coropration APW7098 Datasheet HTML 10Page - Anpec Electronics Coropration APW7098 Datasheet HTML 11Page - Anpec Electronics Coropration APW7098 Datasheet HTML 12Page - Anpec Electronics Coropration APW7098 Datasheet HTML 13Page - Anpec Electronics Coropration APW7098 Datasheet HTML 14Page - Anpec Electronics Coropration APW7098 Datasheet HTML 15Page - Anpec Electronics Coropration APW7098 Datasheet HTML 16Page - Anpec Electronics Coropration APW7098 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2011
APW7098
www.anpec.com.tw
13
Pin Description (Cont.)
PIN
NO.
NAME
FUNCTION
24
PHASE1
Switch Node for Channel 1. Connect this pin to the source of high-side MOSFET and the drain of
the low-side MOSFET. This pin is used as sink for UGATT1 driver. This pin is also monitored by
the adaptive shoot-through protection circuitry to determine when the high-side MOSFET has
turned off. An Schottky diode between this pin and the ground is recommended to reduce
negative transient voltage, which is common in a power supply system.
25
PGND
Power Ground for the low-side gate drivers. Connect this pin to the source of low-side MOSFETs.
This pin is used as sink for LGATE1 and LGATE2 drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com