Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7153A Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7153A
Description  3A 5V 2MHz Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7153A Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7153A Datasheet HTML 7Page - Anpec Electronics Coropration APW7153A Datasheet HTML 8Page - Anpec Electronics Coropration APW7153A Datasheet HTML 9Page - Anpec Electronics Coropration APW7153A Datasheet HTML 10Page - Anpec Electronics Coropration APW7153A Datasheet HTML 11Page - Anpec Electronics Coropration APW7153A Datasheet HTML 12Page - Anpec Electronics Coropration APW7153A Datasheet HTML 13Page - Anpec Electronics Coropration APW7153A Datasheet HTML 14Page - Anpec Electronics Coropration APW7153A Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Aug., 2012
APW7153/A/B
www.anpec.com.tw
11
Function Description
VDD and PVDD Power-On-Reset (POR)
The APW7153/A/B keeps monitoring the voltage on VDD
and PVDD pins to prevent wrong logic operations which
may occur when VDD or PVDD voltage is not high enough
for internal control circuitry to operate. The VDD POR ris-
ing threshold is 2.4V (typical) with 0.2V hysteresis and
PVDD POR rising threshold is 1.7V with 0.05V hysteresis.
During start-up, the VDD and PVDD voltage must exceed
the enable voltage threshold. Then, the IC starts a start-
up process and ramps up the output voltage to the volt-
age target.
Output Under-Voltage Protection (UVP)
In the operational process, if a short-circuit occurs, the
output voltage will drop quickly. Before the current-limit
circuit responds, the output voltage will fall out of the re-
quired regulation range. The under-voltage continually
monitors the FB voltage after soft-start is completed. If a
load step is strong enough to pull the output voltage lower
than the under-voltage threshold, the IC shuts down con-
verter’s output.
The under-voltage threshold is 50% of the nominal out-
put voltage. The under-voltage comparator has a built-in
3
µs noise filter to prevent the chips from wrong UVP shut-
down being caused by noise. APW7153/A/B will be latched
after under-voltage protection.
Over-Voltage Protection (OVP)
The over-voltage function monitors the output voltage by
FB pin. When the FB voltage increases over 125% of the
reference voltage due to the high-side MOSFET failure or
for other reasons, the over-voltage protection compara-
tor will force the low-side MOSFET gate driver to be high.
This action actively pulls down the output voltage and
eventually attempts to blow the internal bonding wires.
As soon as the output voltage is within regulation, the
OVP comparator is disengaged. The chip will restore its
normal operation.
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction tempera-
ture of the APW7153/A/B. When the junction temperature
exceeds T
J=+160
oC, a thermal sensor turns off the both
Current-Limit Protection
The APW7153/A/B monitors the output current, flows
through the high-side and low-side power MOSFETs, and
limits the current peak at current-limit level to prevent the
IC from damaging during overload, short-circuit, and over-
voltage conditions. Typical high side power MOSFET cur-
rent-limit is 4.5A, and low side MOSFET current-limit is
1.6A maximum.
power MOSFETs, allowing the devices to cool. The ther-
mal sensor allows the converters to start a start-up pro-
cess and to regulate the output voltage again after the
junction temperature cools by 50oC. The OTP is designed
with a 50oC hysteresis to lower the average T
J during
continuous thermal overload conditions, increasing life-
time of the APW7153/A/B.
Soft-Start
The APW7153/A/B has a built-in soft-start to control the
rise rate of the output voltage and limit the input current
surge during start-up. During soft-start, an internal volt-
age ramp connected to one of the positive inputs of the
error amplifier, rises up from 0V to 0.95V to replace the
reference voltage, V
REF until the voltage ramp reaches the
reference voltage. During soft-start without output over-
voltage, the APW7153/A/B converter’s sinking capability
is disabled until the output voltage reaches the voltage
target.
Soft-Off
At the moment of shutdown controlled by SHDN/RT
signal, under-voltage event or over-temperature
protection, the APW7153/A/B initiates a soft-stop process
to discharge the output voltage in the output capacitors.
Certainly, the load current also discharges the output
voltage. During soft-stop, the internal voltage ramp (V
RAMP)
falls down rises from 0.95V to 0V to replace the reference
voltage. Therefore, the output voltage falls down slowly at
the light load. After the soft-stop interval elapses, the soft-
stop process ends and the IC turns on the low-side power
MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com