Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW7207A Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7207A
Description  1MHz, High-Efficiency, Step-Up Converter for White LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7207A Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7207A Datasheet HTML 7Page - Anpec Electronics Coropration APW7207A Datasheet HTML 8Page - Anpec Electronics Coropration APW7207A Datasheet HTML 9Page - Anpec Electronics Coropration APW7207A Datasheet HTML 10Page - Anpec Electronics Coropration APW7207A Datasheet HTML 11Page - Anpec Electronics Coropration APW7207A Datasheet HTML 12Page - Anpec Electronics Coropration APW7207A Datasheet HTML 13Page - Anpec Electronics Coropration APW7207A Datasheet HTML 14Page - Anpec Electronics Coropration APW7207A Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Nov., 2012
APW7207/A
www.anpec.com.tw
11
Layout Consideration
For all switching power supplies, the layout is an impor-
tant step in the design; especially at high peak currents
and switching frequencies. If the layout is not carefully
done, the regulator might show noise problems and duty
cycle jitter.
1. The input capacitor should be placed close to the VIN
and GND. Connecting the capacitor with VIN and GND
pins by short and wide tracks without using any vias for
filtering and minimizing the input voltage ripple.
2. The inductor should be placed as close as possible to
the LX pin to minimize length of the copper tracks as
well as the noise coupling into other circuits.
3. Since the feedback pin and network is a high imped-
ance circuit, the feedback network should be routed
away from the inductor. The feedback pin and feed-
back network should be shielded with a ground plane
or track to minimize noise coupling into this circuit.
4. A star ground connection or ground plane minimizes
ground shifts and noise is recommended.
Application Information (Cont.)
To Anode of
WLEDs
From Cathod of
WLEDs
Via To OVP
L1
C1
Via To VOVP
D1
VEN
VIN
LX
Refer to Fig. 1
Fig 4. APW7207/A Layout Suggestion
R1
VOVP
1
6
5
4
3
2
8
7
LX
GND
NC
FB
VIN
R1
D1
L1
VOVP
To Anode of
WLEDs
From Cathod of
WLEDs
Via To VOVP
VEN
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com