Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APW8819QAI-TYG Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APW8819QAI-TYG
Description  DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8819QAI-TYG Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APW8819QAI-TYG Datasheet HTML 1Page - Anpec Electronics Coropration APW8819QAI-TYG Datasheet HTML 2Page - Anpec Electronics Coropration APW8819QAI-TYG Datasheet HTML 3Page - Anpec Electronics Coropration APW8819QAI-TYG Datasheet HTML 4Page - Anpec Electronics Coropration APW8819QAI-TYG Datasheet HTML 5Page - Anpec Electronics Coropration APW8819QAI-TYG Datasheet HTML 6Page - Anpec Electronics Coropration APW8819QAI-TYG Datasheet HTML 7Page - Anpec Electronics Coropration APW8819QAI-TYG Datasheet HTML 8Page - Anpec Electronics Coropration APW8819QAI-TYG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - May, 2013
APW8819
www.anpec.com.tw
5
Electrical Characteristics (Cont.)
APW8819
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTT OUTPUT
VLDOIN = VVDDQSNS = 1.8V
-
0.9
-
VVTT
VTT Output Voltage
VLDOIN = VVDDQSNS = 1.5V
-
0.75
-
V
VLDOIN = VVDDQSNS = 1.8V, VVDDQSNS/2 - VVTT,
IVTT = 0A
-20
-
20
VLDOIN = VVDDQSNS = 1.8V, VVDDQSNS/2 - VVTT,
IVTT = 1.5A
-30
-
30
VLDOIN = VVDDQSNS = 1.5V, VVDDQSNS/2 - VVTT,
IVTT = 0A
-20
-
20
VVTT
VTT Output Tolerance
VLDOIN = VVDDQSNS = 1.5V, VVDDQSNS/2 - VVTT,
IVTT = 1.5A
-30
-
30
mV
Sourcing Current (VLDOIN = 1.8V)
2
2.2
3
Sinking Current (VLDOIN = 1.8V)
-2
-2.2
-3
A
Sourcing Current (VLDOIN = 1.5V)
2
2.2
3
ILIM
Current-Limit
Sinking Current (VLDOIN = 1.5V)
-2
-2.2
-3
A
IVTTLK
VTT Leakage Current
VVTT = 1.25V, VS3 = 0V, VS5 = 5V, TA = 25
oC
-1.0
-
1.0
µA
IVTTSNSLK
VTTSNS Leakage Current
VVTT = 1.25V, TA = 25
oC
-1.00
0.01
1.00
µA
IVTTDIS
VTT Discharge Current
VVTT = 0.5V, VS3 = VS5 = 0V, TA = 25
oC,
VVREF = 0V
-
7.8
-
mA
VTTREF OUTPUT
VLDOIN = VVDDQSNS = 1.8V, VVDDQSNS/2
-
0.9
-
VVTTREF
VTTREF Output Voltage
VLDOIN = VVDDQSNS = 1.5V, VVDDQSNS/2
-
0.75
-
V
-10mA < IVTTREF < 10mA, VVDDQSNS/2 - VVTTREF
VLDOIN = VVTTREF =1.8V
-18
-
+18
VTTREF Tolerance
-10mA < IVTTREF < 10mA, VVDDQSNS/2 - VVTTREF
VLDOIN = VVDDQSNS = 1.5V
-15
-
+15
mV
IVTTREF
VTTREF Source Current
VVTTREF = 0V
-10
-25
-40
mA
IVTTREF
VTTREF Sink Current
VVTTREF = VVDDQSNS
10
25
40
mA
IVTTREFDIS
VTTREF Discharge Current
TA = 25
oC , S3=S5=0V, V
VTTREF = 0.5V
-
2.6
-
mA
VDDQ OUTPUT
VVDDQ
VDDQ Output Voltage
VREFIN = 1.8V
-
1.8
-
V
VDDQSNS Regulation Voltage
Tolerance to REFIN
TA = 25
oC, V
REFIN = 1.8V, No Load
-15
-
15
mV
IVDDQSNS
VDDQSNS Input Current
VVDDQSNS=1.8V
-
12
-
µA
IREFIN
REFIN Input Current
VREFIN=1.8V
-0.1
-
0.1
µA
VDDQ Discharge Current
VS3 = VS5 = 0V, VVDDQSNS = 0.5V, MODE Pin Pulled
Down to GND Through 47k
Ω (Non-Tracking)
-
12
-
mA
LDOIN Discharge Current
VS3 = VS5 = 0V, VVDDQSNS = 0.5V, MODE Pin
Pulled Down to GND Through 100k
Ω (Tracking)
-
1000
-
mA
Refer to the typical application circuits. These specifications apply over V
VCC=VBOOT=5V, VIN=12V and TA= -40 ~ 85 °C, unless
otherwise specified. Typical values are at T
A=25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com