Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCS04020C4641FPWE Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MCS04020C4641FPWE
Description  Professional Thin Film Chip Resistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCS04020C4641FPWE Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MCS04020C4641FPWE Datasheet HTML 4Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 5Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 6Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 7Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 8Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 9Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 10Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 11Page - Vishay Siliconix MCS04020C4641FPWE Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MCS 0402, MCT 0603, MCU 0805, MCA 1206 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 24-Jan-13
11
Document Number: 28705
For technical questions, contact: thinfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HISTORICAL 12NC INFORMATION
• The resistors had a 12-digit numeric code starting with
2312.
• The subsequent 4 digits indicated the resistor type,
specification and packaging; see the 12NC table.
• The remaining 4 digits indicated the resistance value:
- The first 3 digits indicated the resistance value.
- The last digit indicated the resistance decade in
accordance with the last digit of 12NC indicating
resistance decade table.
Last Digit of 12NC Indicating Resistance Decade
Historical 12NC example
The 12NC of a MCT 0603 resistor, value 47 k
 and TCR 50
with ± 1 % tolerance, supplied in cardboard tape of
5000 units per reel was: 2312 215 14703.
RESISTANCE DECADE
LAST DIGIT
1
 to 9.99 
8
10
 to 99.9 
9
100
 to 999 
1
1 k
 to 9.99 k
2
10 k
 to 99.9 k
3
100 k
 to 999 k
4
1 M
 to 9.99 M
5
10 M
 to 99.9 M
6
HISTORICAL 12NC - Resistor type and packaging
DESCRIPTION
2312... .....
CARDBOARD TAPE ON REEL
TYPE
TCR
TOL.
P5
(5000 UNITS)
E0
(10 000 UNITS)
PW
(20 000 UNITS)
MCS 0402
± 50 ppm/K
± 1 %
-
275 1....
-
± 0.5 %
-
275 5....
-
± 25 ppm/K
± 0.5 %
-
276 5....
-
Jumper
-
-
275 90001
-
MCT 0603
± 50 ppm/K
± 1 %
215 1....
-
205 1..
± 0.5 %
215 5....
-
205 5....
± 25 ppm/K
± 0.5 %
216 5....
-
206 5....
Jumper
-
215 90001
-
205 90001
MCU 0805
± 50 ppm/K
± 0.5 %
255 5....
-
245 5....
± 25 ppm/K
± 0.5 %
256 5....
-
246 5....
Jumper
-
255 90001
-
245 90001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com