Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRO0100Z301001FN3 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # PRO0100Z301001FN3
Description  Power Metal Film Leaded Resistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRO0100Z301001FN3 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button PRO0100Z301001FN3 Datasheet HTML 8Page - Vishay Siliconix PRO0100Z301001FN3 Datasheet HTML 9Page - Vishay Siliconix PRO0100Z301001FN3 Datasheet HTML 10Page - Vishay Siliconix PRO0100Z301001FN3 Datasheet HTML 11Page - Vishay Siliconix PRO0100Z301001FN3 Datasheet HTML 12Page - Vishay Siliconix PRO0100Z301001FN3 Datasheet HTML 13Page - Vishay Siliconix PRO0100Z301001FN3 Datasheet HTML 14Page - Vishay Siliconix PRO0100Z301001FN3 Datasheet HTML 15Page - Vishay Siliconix PRO0100Z301001FN3 Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
PR01/02/03
www.vishay.com
Vishay BCcomponents
Revision: 24-Jun-13
13
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION INFORMATION
PR03 Impedance as a function of applied frequency
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with
IEC 60115-1 specification, category LCT/UCT/56 (rated
temperature range: Lower Category Temperature, Upper
Category Temperature; damp heat, long term, 56 days).
The tests are carried out in accordance with IEC 60068-2-xx
Test Method under standard atmospheric conditions
according to IEC 60068-1, 5.3.
In the Test Procedures and Requirements table, tests
and requirements are listed with reference to the relevant
clauses of IEC 60115-1 and IEC 60068-2-xx test methods.
A short description of the test procedure is also given. In
some instances deviations from the IEC recommendations
were necessary for our method of specifying.
All soldering tests are performed with mildly activated flux.
10 3
10 2
10
1
10 2
1
10
10 -1
10 -2
Z
R
f (MHz)
= 18
Ω
n
= 1.3 k
Ω
n
= 20 k
Ω
n
= 1.5
Ω
= 100 k
Ω
n
n
R
R
R
R
R
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2-
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
4.4.1
Visual examination
No holes; clean surface; no damage
4.4.2
Dimensions (outline)
Gauge (mm)
See Straight and Kinked Dimensions
tables 
4.5
Resistance
(refer note on first
page for measuring
distance)
Applied voltage (+ 0 %/- 10 %):
R - Rnom: max. ± 5 %
R< 10 
:  0.1 V
10 
  R < 100 : 0.3 V
100 
  R < 1 k: 1 V
1 k
  R < 10 k: 3 V
10 k
  R < 100 k: 10 V
100 k
  R < 1 M: 25 V
R = 1 M
: 50 V
4.18
20 (Tb)
Resistance to
soldering heat
Thermal shock: 10 s; 260 °C; 3 mm from body
R
max.: ± (1 % R + 0.05 )
4.29
45 (Xa)
Component solvent
resistance
Isopropyl alcohol or H2O
followed by brushing
No visual damage
4.17
20 (Ta)
Solderability
2 s; 235 °C; Solder bath method; SnPb40
3 s; 245 °C; Solder bath method; SnAg3Cu0.5
Good tinning (
 95 % covered);
no damage
Solderability
(after ageing)
8 h steam or 16 h 155 °C;
leads immersed 6 mm:
for 2 s at 235 °C; solder bath (SnPb40)
for 3 s at 245 °C; solder bath (SnAg3Cu0.5)
Good tinning (
 95 % covered);
no damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com