Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLP624F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP624F
Description  Programmable Controllers AC/DC?묲nput Module Telecommunication
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP624F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP624F Datasheet HTML 1Page - Toshiba Semiconductor TLP624F Datasheet HTML 2Page - Toshiba Semiconductor TLP624F Datasheet HTML 3Page - Toshiba Semiconductor TLP624F Datasheet HTML 4Page - Toshiba Semiconductor TLP624F Datasheet HTML 5Page - Toshiba Semiconductor TLP624F Datasheet HTML 6Page - Toshiba Semiconductor TLP624F Datasheet HTML 7Page - Toshiba Semiconductor TLP624F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP624,TLP624
−2,TLP624−4
2007-10-01
3
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10mA
1.0
1.15
1.3
V
Reverse current
IR
VR= 5V
―
―
10
μA
Capacitance
CT
V = 0, f = 1MHz
―
30
―
pF
Collector
−emitter
breakdown voltage
V(BR)CEO IC = 0.5mA
55
―
―
V
Emitter
−collector
breakdown voltage
V(BR)ECO IE = 0.1mA
7
―
―
V
VCE = 24V
―
10
100
nA
Collector dark current
ICEO
VCE = 24V, Ta = 85°C
―
2
50
μA
Capacitance collector
to emitter
CCE
V=0 , f=1MHz
―
12
―
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
100
―
1200
Current transfer ratio
IC / IF
IF = 1mA, VCE = 0.5V
Rank BV
200
―
1200
%
50
―
―
Low input CTR
IC / IF
(low)
IF = 0.5mA, VCE = 1.5V
Rank BV
100
―
―
%
IC = 0.5mA, IF = 1mA
―
―
0.4
―
0.2
―
Collector
−emitter
saturation voltage
VCE
(sat)
IC = 1mA, IF = 1mA
Rank BV
―
―
0.4
V
Coupled Electrical Characteristics (Ta =
−25°C~75°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
50
―
―
Current transfer ratio
IC / IF
IF = 1mA, VCE = 0.5V
Rank BV
100
―
―
%
―
50
―
Low input CTR
IC / IF
(low)
IF = 0.5mA, VCE = 1.5V
Rank BV
―
100
―
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com