Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIC1739 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1739
Description  300mA Low Dropout Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1739 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1739 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1739 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1739 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1739 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1739 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1739 Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AIC1739
2
n ORDERING INFORMATION
ORDER NUMBER
AIC1739-18CX
AIC1739-20CX
AIC1739-25CX
AIC1739-27CX
AIC1739-30CX
(SOT-89)
PIN CONFIGURATION
PACKAGING TYPE
X:
SOT89
ZT:
TO92
ZL:
TO92
OUTPUT VOLTAGE
18: 1.8V
20: 2.0V
25: 2.5V
27: 2.7V
30: 3.0V
AIC1739-XCX
FRONT VIEW
1: VOUT
2: GND
3: VIN
1
2
3
1
2
3
TOP VIEW
1: GND
2: VIN
3: VOUT
TOP VIEW
1: VIN
2: GND
3: VOUT
1
2
3
AIC1739-18CZT
AIC1739-20CZT
AIC1739-25CZT
AIC1739-27CZT
AIC1739-30CZT
(TO-92)
AIC1739-18CZL
AIC1739-20CZL
AIC1739-25CZL
AIC1739-27CZL
AIC1739-30CZL
(TO-92 L TYPE)
n ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage ...................................................………… ..…… .................. -0.3~12V
Operating Junction Temperature Range
.....……… ........………… ................ -40
°C~ 85°C
Storage Temperature Range ....................…… ......................……… .............. -65
°C~150°C
Power Dissipation
SOT-89 Package ....… ...… ................. 0.5W
TO-92 Package .....………… ............. 0.5W
n TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT
n ELECTRICAL CHARACTERISTICS (Ta=25°C, C
IN=1µF, COUT=10µF, unless
otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
No Load
AIC1739-30
AIC1739-27
AIC1739-25
AIC1739-20
AIC1739-18
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
2.940
2.646
2.550
1.960
1.764
3.000
2.700
2.500
2.000
1.800
3.060
2.754
2.550
2.040
1.836
V
Output Voltage
Temperature
Coefficiency
(Note 1)
50
150
PPM/
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com