Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AIC2951 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC2951
Description  Low Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2951 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC2951 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2951 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2951 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2951 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2951 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2951 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2951 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2951 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2951 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AIC2951/2951D
Low Dropout Linear Regulator
2
n ORDERING INFORMATION
AIC2951 X-XXXX
ORDER NUMBER
AIC2951-30CN
AIC2951-33CN
AIC2951-50CN
AIC2951D-30CN
AIC2951D-33CN
AIC2951D-50CN
(PLASTIC DIP)
AIC2951-30CS
AIC2951-33CS
AIC2951-50CS
AIC2951D-30CS
AIC2951D-33CS
AIC2951D-50CS
(PLASTIC SO)
PIN CONFIGURATION
TOP VIEW
TAP
1
3
4
2
8
6
5
7
VIN
SENSE
SHDN
GND
FB
ERROR
VOUT
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
TEMPERATURE RANGE
C: 0 °C~+70°C
OUTPUT VOLTAGE
30 : 3.0V
33 :
3.3V
50 :
5.0V
MAX. OUTPUT CURRENT
DEFAULT
: 150mA
D
: 300mA
n ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage ........................…………… ............................................... -0.3~12V
Feedback Input Voltage..................................…………… .................................. -0.3~12V
Shutdown Input Voltage ................................…………… .................................. -0.3~12V
Error Comparator Output ......................................………… .............................. -0.3~12V
Operating Junction Temperature Range
.............………… .......................... -40
°C~125 °C
Storage Temperature Range ............................………… ............................ -65
°C~150 °C
n TEST CIRCUIT
ERROR
CIN
1µF
1mA
+
+
COUT
10µF
SHUTDOWN
AIC2951
VIN
FB
TAP
GND
SHDN
SENSE
VOUT
VOUT
VREF
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com