Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1847-I/P Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F1847-I/P
Description  18/20/28-Pin Flash Microcontrollers with XLP Technology
PDF  438 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1847-I/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F1847-I/P Datasheet HTML 9Page - Microchip Technology PIC16F1847-I/P Datasheet HTML 10Page - Microchip Technology PIC16F1847-I/P Datasheet HTML 11Page - Microchip Technology PIC16F1847-I/P Datasheet HTML 12Page - Microchip Technology PIC16F1847-I/P Datasheet HTML 13Page - Microchip Technology PIC16F1847-I/P Datasheet HTML 14Page - Microchip Technology PIC16F1847-I/P Datasheet HTML 15Page - Microchip Technology PIC16F1847-I/P Datasheet HTML 16Page - Microchip Technology PIC16F1847-I/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 438 page
background image
 2011-2013 Microchip Technology Inc.
DS40001453E-page 13
PIC16(L)F1847
RB3/AN9/CPS9/MDOUT/
CCP1(1,2)/P1A(1,2)
RB3
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN9
AN
—
ADC Channel 9 input.
CPS9
AN
—
Capacitive sensing input 9.
MDOUT
—
CMOS Modulator output.
CCP1
ST
CMOS Capture/Compare/PWM1.
P1A
—
CMOS PWM output.
RB4/AN8/CPS8/SCL1/SCK1/
MDCIN2
RB4
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN8
AN
—
ADC Channel 8 input.
CPS8
AN
—
Capacitive sensing input 8.
SCL1
I2C™
OD
I2C™ clock 1.
SCK1
ST
CMOS SPI clock 1.
MDCIN2
ST
—
Modulator Carrier Input 2.
RB5/AN7/CPS7/P1B/TX(1)/CK(1)/
SCL2/SCK2/SS1(1,2)
RB5
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN7
AN
—
ADC Channel 7 input.
CPS7
AN
—
Capacitive sensing input 7.
P1B
—
CMOS PWM output.
TX
—
CMOS USART asynchronous transmit.
CK
ST
CMOS USART synchronous clock.
SCL2
I2C™
OD
I2C™ clock 2.
SCK2
ST
CMOS SPI clock 2.
SS1
ST
—
Slave Select input 1.
RB6/AN5/CPS5/T1CKI/T1OSI/
P1C(1,2)/CCP2(1,2)/P2A(1,2)/
ICSPCLK
RB6
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN5
AN
—
ADC Channel 5 input.
CPS5
AN
—
Capacitive sensing input 5.
T1CKI
ST
—
Timer1 clock input.
T1OSO
XTAL
XTAL
Timer1 oscillator connection.
P1C
—
CMOS PWM output.
CCP2
ST
CMOS Capture/Compare/PWM2.
P2A
—
CMOS PWM output.
ICSPCLK
ST
—
Serial Programming Clock.
RB7/AN6/CPS6/T1OSO/
P1D(1,2)/P2B(1,2)/MDCIN1/
ICSPDAT
RB7
TTL
CMOS General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up.
AN6
AN
—
ADC Channel 6 input.
CPS6
AN
—
Capacitive sensing input 6.
T1OSO
XTAL
XTAL
Timer1 oscillator connection.
P1D
—
CMOS PWM output.
P2B
—
CMOS PWM output.
MDCIN1
ST
—
Modulator Carrier Input 1.
ICSPDAT
ST
CMOS ICSP™ Data I/O.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-2:
PIC16(L)F1847 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1: Pin functions can be moved using the APFCON0 or APFCON1 register.
2: Default function location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com