Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5245BRJZ10-R21 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5245BRJZ10-R21
Description  256-Position I2C-Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5245BRJZ10-R21 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5245BRJZ10-R21 Datasheet HTML 12Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 13Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 14Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 15Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 16Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 17Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 18Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 19Page - Analog Devices AD5245BRJZ10-R21 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD5245
Rev. B | Page 19 of 20
OUTLINE DIMENSIONS
13
5
6
2
8
4
7
2.90 BSC
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.22
0.08
0.60
0.45
0.30
2.80 BSC
PIN 1
INDICATOR
COMPLIANT TO JEDEC STANDARDS MO-178-BA
Figure 48. 8-Lead Small Outline Transistor Package [SOT-23]
(RJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
RAB (Ω)
Ordering Quantity
AD5245BRJ5-R2
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0G
5 k
250
AD5245BRJ5-RL7
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0G
5 k
3,000
AD5245BRJZ5-R21
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0G
5 k
250
AD5245BRJZ5-RL71
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0G
5 k
3,000
AD5245BRJ10-R2
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0H
10 k
250
AD5245BRJ10-RL7
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0H
10 k
3,000
AD5245BRJZ10-R21
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0H
10 k
250
AD5245BRJZ10-RL71
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0H
10 k
3,000
AD5245BRJ50-R2
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0J
50 k
250
AD5245BRJ50-RL7
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0J
50 k
3,000
AD5245BRJZ50-R21
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0J
50 k
250
AD5245BRJZ50-RL71
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0J
50 k
3,000
AD5245BRJ100-R2
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0K
100 k
250
AD5245BRJ100-RL7
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0K
100 k
3,000
AD5245BRJZ100-R21
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0K
100 k
250
AD5245BRJZ100-RL71
–40°C to +125°C
8-Lead SOT-23
RJ-8
D0K
100 k
3,000
AD5245EVAL2
Evaluation Board
1 Z = Pb-free part.
2 The evaluation board is shipped with the 10 kΩ RAB resistor option; however, the board is compatible with all available resistor value options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com