Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CVH252009-R47M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CVH252009-R47M
Description  CVH252009 Series Multilayer Power Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CVH252009-R47M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CVH252009-R47M Datasheet HTML 1Page - Bourns Electronic Solutions CVH252009-R47M Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FERRITE
TERMINAL
ELECTRODE
2.5
± 0.2
(.098
± .008)
0.5
± 0.3
(.020
± .012)
0.5
± 0.3
(.020
± .012)
0.9
± 0.1
(.035
± .004)
2.0
± 0.20
(.079
± .008)
1.35
(.053)
3.75
(.148)
1.75
(.069)
Features
Monolithic construction offering high
reliability
Magnetically shielded construction
providing low radiation
Low DC resistance
Low profile, 1008 size (2.5 x 2 x 0.9 mm)
RoHS compliant*
Applications
DC/DC converters for:
- Smart phones
- DVCs / DSCs
- Tablets
- HDDs / SSDs
- Mobile electronic devices
CVH252009 Series Multilayer Power Chip Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Operating Temperature
................................-55 °C to +125 °C
(Temperature rise included)
Storage Temperature
.....................+40 °C max. at 70 % RH
Resistance to Soldering Heat
...............................................+260 °C
Temperature Rise
......................... 40 °C at rated current
Electrical Specifications
Bourns® Part No.
Inductance @ 1 MHz
SRF
(MHz)
DCR
(Ohms)
IDC
(mA)
L (µH)
Tol.
Typ.
Max.
CVH252009-R47M
0.47
±20 %
100
0.04
1800
CVH252009-1R0M
1.0
±20 %
60
0.055
1600
CVH252009-1R5M
1.5
±20 %
50
0.07
1500
CVH252009-2R2M
2.2
±20 %
40
0.08
1300
CVH252009-3R3M
3.3
±20 %
30
0.10
1200
CVH252009-4R7M
4.7
±20 %
25
0.11
1100
General Specifications
Core..............................................Ferrite
Terminal ......................................... Ni/Sn
Packaging....... 3000 pcs. per 7 inch reel
Materials
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Schematic
Soldering Profile (Lead Free Solder)
Time (Seconds)
25
150
200
217
260
PRE-HEATING
SOLDERING
60~120
SECONDS
≥30
SECONDS
60~150
SECONDS
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - CVH252009-R47M

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CVH250K07 SEI-CVH250K07 Datasheet
258Kb / 4P
Medium Voltage Leaded Varistor
08/09/2019
CVH250K10 SEI-CVH250K10 Datasheet
258Kb / 4P
Medium Voltage Leaded Varistor
08/09/2019
CVH250K14 SEI-CVH250K14 Datasheet
258Kb / 4P
Medium Voltage Leaded Varistor
08/09/2019
CVH250K20 SEI-CVH250K20 Datasheet
258Kb / 4P
Medium Voltage Leaded Varistor
08/09/2019
CVH250K23 SEI-CVH250K23 Datasheet
258Kb / 4P
Medium Voltage Leaded Varistor
08/09/2019
More results

Similar Description - CVH252009-R47M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCPI-XH2520-122 SUMIDA-SCPI-XH2520-122 Datasheet
492Kb / 2P
Multilayer Chip Power Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKP1608D2R2M-T TAIYO-YUDEN-CKP1608D2R2M-T Datasheet
142Kb / 1P
Multilayer Chip Power Inductors
CKP2012N1R5M-T TAIYO-YUDEN-CKP2012N1R5M-T Datasheet
136Kb / 1P
Multilayer Chip Power Inductors
CKP2012NR47M-T TAIYO-YUDEN-CKP2012NR47M-T Datasheet
142Kb / 1P
Multilayer Chip Power Inductors
CKP2520V3R3M-T TAIYO-YUDEN-CKP2520V3R3M-T Datasheet
142Kb / 1P
Multilayer Chip Power Inductors
CKP20161R0M-T TAIYO-YUDEN-CKP20161R0M-T Datasheet
136Kb / 1P
Multilayer Chip Power Inductors
CKP25201R5M-T TAIYO-YUDEN-CKP25201R5M-T Datasheet
142Kb / 1P
Multilayer Chip Power Inductors
CKP25204R7M-T TAIYO-YUDEN-CKP25204R7M-T Datasheet
136Kb / 1P
Multilayer Chip Power Inductors
logo
Bourns Electronic Solut...
CVH201205 BOURNS-CVH201205 Datasheet
509Kb / 4P
Multilayer Power Chip Inductors
CVH201610A BOURNS-CVH201610A Datasheet
509Kb / 4P
Multilayer Power Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com