Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16201PCB Datasheet(PDF) 18 Page - Analog Devices

Part # ADIS16201PCB
Description  Programmable Dual-Axis Inclinometer/Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201PCB Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIS16201PCB Datasheet HTML 14Page - Analog Devices ADIS16201PCB Datasheet HTML 15Page - Analog Devices ADIS16201PCB Datasheet HTML 16Page - Analog Devices ADIS16201PCB Datasheet HTML 17Page - Analog Devices ADIS16201PCB Datasheet HTML 18Page - Analog Devices ADIS16201PCB Datasheet HTML 19Page - Analog Devices ADIS16201PCB Datasheet HTML 20Page - Analog Devices ADIS16201PCB Datasheet HTML 21Page - Analog Devices ADIS16201PCB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADIS16201
Data Sheet
Rev. C | Page 18 of 32
Table 9. Control Register Mapping
Register Name
Type
Nonvolatile
Address
Bytes
Function
0x00 to 0x01
2
Reserved
SUPPLY_OUT
R
0x02
2
Power supply output data
XACCL_OUT
R
0x04
2
X-axis acceleration output data
YACCL_OUT
R
0x06
2
Y-axis acceleration output data
AUX_ADC
R
0x08
2
Auxiliary ADC data
TEMP_OUT
R
0x0A
2
Temperature output data
XINCL_OUT
R
0x0C
2
X-axis inclination output data
YINCL_OUT
R
0x0E
2
Y-axis inclination output data
XACCL_ OFF
R/W
X
0x10
2
X-axis acceleration offset factor
YACCL_ OFF
R/W
X
0x12
2
Y-axis acceleration offset factor
XACCL_ SCALE
R/W
X
0x14
2
X-axis acceleration scale factor
YACCL_ SCALE
R/W
X
0x16
2
Y-axis acceleration scale factor
XINCL_OFF
R/W
X
0x18
2
X-axis inclination offset factor
YINCL_ OFF
R/W
X
0x1A
2
Y-axis inclination offset factor
XINCL_SCALE
R/W
X
0x1C
2
X-axis inclination scale factor
YINCL_ SCALE
R/W
X
0x1E
2
Y-axis inclination scale factor
ALM_MAG1
R/W
X
0x20
2
Alarm 1 amplitude threshold
ALM_MAG2
R/W
X
0x22
2
Alarm 2 amplitude threshold
ALM_SMPL1
R/W
X
0x24
2
Alarm 1 sample period
ALM_SMPL2
R/W
X
0x26
2
Alarm 2 sample period
ALM_CTRL
R/W
X
0x28
2
Alarm source control register
0x2A to 0x2F
6
Reserved
AUX_DAC
R/W
0x30
2
Auxiliary DAC data
GPIO_CTRL
R/W
0x32
2
Auxiliary digital I/O control register
MSC_CTRL
R/W
0x34
2
Miscellaneous control register
SMPL_PRD
R/W
X
0x36
2
ADC sample period control
AVG_CNT
R/W
X
0x38
2
Defines number of samples used by moving average filter
PWR_MDE
R/W
0x3A
2
Counter used to determine length of power-down mode
STATUS
R
0x3C
2
System status register
COMMAND
W
0x3E
2
System command register
Table 10. Register Write Command Bit Map
DIN
W/R
0
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Upper Byte
Lower Byte
ADDRESS
DATA
CS
SCLK
DIN
WRITE BIT = 1
ZERO
Figure 35. Control Register Write Command Sequence of SPI Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com