Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9559BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9559BCPZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9559BCPZ Datasheet HTML 15Page - Analog Devices AD9559BCPZ Datasheet HTML 16Page - Analog Devices AD9559BCPZ Datasheet HTML 17Page - Analog Devices AD9559BCPZ Datasheet HTML 18Page - Analog Devices AD9559BCPZ Datasheet HTML 19Page - Analog Devices AD9559BCPZ Datasheet HTML 20Page - Analog Devices AD9559BCPZ Datasheet HTML 21Page - Analog Devices AD9559BCPZ Datasheet HTML 22Page - Analog Devices AD9559BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 19 of 120
Pin No.
Mnemonic
Input/
Output
Pin Type
Description
63
XOB
I
Differential
input
Complementary System Clock Input. Complementary signal to XOA. XOB contains
internal dc biasing and should be ac-coupled with a 0.1 μF capacitor except when
using a crystal. When a crystal is used, connect the crystal across XOA and XOB.
64
XOA
I
Differential
input
System Clock Input. XOA contains internal dc biasing and should be ac-coupled
with a 0.01 μF capacitor except when using a crystal. When a crystal is used,
connect the crystal across XOA and XOB. Single-ended 1.8 V CMOS is also an option,
but a spur may be introduced if the duty cycle is not 50%. When using XOA as
a single-ended input, connect a 0.1 μF capacitor from XOB to ground.
70
REFB
I
Differential
input
Reference B Input. This internally biased input is typically ac-coupled; when
configured in this manner, it can accept any differential signal with single-ended
swing up to 3.3 V. If dc-coupled, input can be LVPECL, LVDS, or single-ended CMOS.
71
A
REFBE
I
Differential
input
Complementary Reference B Input. Complementary signal to the input provided
on Pin 70.
EP
GND
O
Exposed pad
The exposed pad is the ground connection on the chip. It must be soldered to the
analog ground of the PCB to ensure proper functionality and heat dissipation,
noise, and mechanical strength benefits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com