Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP8601MAX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MAX/NOPB
Description  60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MAX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP8601MAX/NOPB Datasheet HTML 10Page - Texas Instruments LMP8601MAX/NOPB Datasheet HTML 11Page - Texas Instruments LMP8601MAX/NOPB Datasheet HTML 12Page - Texas Instruments LMP8601MAX/NOPB Datasheet HTML 13Page - Texas Instruments LMP8601MAX/NOPB Datasheet HTML 14Page - Texas Instruments LMP8601MAX/NOPB Datasheet HTML 15Page - Texas Instruments LMP8601MAX/NOPB Datasheet HTML 16Page - Texas Instruments LMP8601MAX/NOPB Datasheet HTML 17Page - Texas Instruments LMP8601MAX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
C =
R1Zo
Q
R2 =
Q
2
R1
Q =
R1C1 + R2C1 - R1C2
R1R2C1C2
Q =
R1C1 + R2C1 + (1 - K2) * R1C2
R1R2C1C2
1
R1R2C1C2
Zo =
K2
QZo
jZ
Zo
2
(jZ)
2
+ 1
+
G(jZ) = K1 *
H(s) =
s
2
+ s *
R1R2C1C2
1
1
R1C2
+
R2C2
+
+
K1 * K2
(1 - K2)
R2C1
1
R1R2C1C2
1
LMP8601, LMP8601-Q1
SNOSAR2E – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
ADDITIONAL SECOND ORDER LOW PASS FILTER
The LMP8601/LMP8601Q has a third order Butterworth low-pass characteristic with a typical bandwidth of 60
kHz integrated in the preamplifier stage of the part. The bandwidth of the output buffer can be reduced by adding
a capacitor on the A1 pin to create a first order low pass filter with a time constant determined by the 100 k
Ω
internal resistor and the external filter capacitor.
It is also possible to create an additional second order Sallen-Key low pass filter by adding external components
R2, C1 and C2. Together with the internal 100 kΩ resistor R1 as illustrated in Figure 34, this circuit creates a
second order low-pass filter characteristic.
When the corner frequency of the additional filter is much lower than 60 kHz, the transfer function of the
described amplifier van be written as:
(1)
Where K1 equals the gain of the preamplifier and K2 that of the buffer amplifier.
Equation 1 can be written in the normalized frequency response for a 2nd order low pass filter:
(2)
The cutoff frequency
ωo in rad/sec (divide by 2π to get the cut-off frequency in Hz) is given by:
(3)
and the quality factor of the filter is given by:
(4)
With K2 = 2x, Equation 4 transforms results in:
(5)
With this filter gain K2= 2x, the design procedure can be very simple if the two capacitors are chosen to be
equal, C1=C2=C. In this case, given the predetermined value of R1 = 100kΩ( the internal resistor), the quality
factor is set solely by the value of the resistor R2.
R2 can be calculated based on the desired value of Q as the first step of the design procedure with Equation 6:
(6)
For instance, the value of Q can be set to 0.5
√2 to create a Butterworth response, to 1/√3 to create a Bessel
response, or a 0.5 to create a critically damped response. Once the value of R2 has been found, the second and
last step of the design procedure is to calculate the required value of C to give the desired low-pass cut-off
frequency using:
(7)
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LMP8601 LMP8601-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com