Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VQA Datasheet(PDF) 2 Page - CUI INC

Part # VQA
Description  DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VQA Datasheet(HTML) 2 Page - CUI INC

  VQA_13 Datasheet HTML 1Page - CUI INC VQA_13 Datasheet HTML 2Page - CUI INC VQA_13 Datasheet HTML 3Page - CUI INC VQA_13 Datasheet HTML 4Page - CUI INC VQA_13 Datasheet HTML 5Page - CUI INC VQA_13 Datasheet HTML 6Page - CUI INC VQA_13 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date
09/23/2013 │ page 2 of 7
CUI Inc
│ SERIES: VQA │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
input voltage
VQA-S9-D15-SIP
VQA-S12-D15-SIP
VQA-S24-D15-SIP
all other models
9
11.6
23.3
14.5
12
12
24
15
15
12.4
24.7
15.5
Vdc
Vdc
Vdc
Vdc
surge voltage
VQA-S9-D15-SIP
VQA-S12-D15-SIP
VQA-S24-D15-SIP
all other models
-0.7
-0.7
-0.7
-0.7
15
13
26
16
Vdc
Vdc
Vdc
Vdc
temperature coefficient
at full load
±0.03
%/°C
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
for Vin change of ±1%
1.2
1.5
%
switching frequency
at full load, nominal input
100
200
KHz
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, auto restart
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute at 1 mA max. leakage
3,000
Vac
isolation resistance
input to output at 500 Vdc
1,000
MΩ
isolation capacitance
input to output, 100 kHz/0.1 V
6.6
pF
conducted emissions
CISPR22/EN55022, class B, external circuit required (see figure 1)
radiated emissions
CISPR22/EN55022, class B, external circuit required (see figure 1)
ESD
IEC/EN61000-4-2, contact ±8kV, class B
MTBF
MIL-HDBK-217F @ 25°C
3,500,000
hours
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
105
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
95
%
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
1.5mm from case for 10 seconds
300
°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
19.50 x 9.80 x 12.5 (0.768 x 0.386 x 0.492 inch)
mm
material
plastic (UL94V-0)
weight
4.3
g
temperature rise
Ta=25°C
25
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com