Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4128AMF-3.3/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM4128AMF-3.3/NOPB
Description  LM4128/LM4128Q SOT-23 Precision Micropower Series Voltage Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4128AMF-3.3/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM4128AMF-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 17Page - Texas Instruments LM4128AMF-3.3/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
x 0.1
VREF
= Percent_Error
VERROR
x 10
3
VREF
= ppmERROR
VERROR
x 10
3
VREF
2
n
= VERROR
= VERROR
10
3
VREF x ppmERROR
TD =
VREF x 'T
x 10
6 ppm
(VREF_MAX - VREF_MIN)
LM4128, LM4128Q
SNVS475E – NOVEMBER 2006 – REVISED APRIL 2013
www.ti.com
Temperature coefficient may be expressed analytically as the following:
where
•
TD = Temperature drift
•
VREF = Nominal preset output voltage
•
VREF_MIN = Minimum output voltage over operating temperature range
•
VREF_MAX = Maximum output voltage over operating temperature range
•
ΔT = Operating temperature range
(3)
The LM4128 features a low temperature drift of 75 ppm (max) to 100 ppm (max), depending on the grade, from -
40°C to 125°C.
LONG TERM STABILITY
Long-term stability refers to the fluctuation in output voltage over a long period of time (1000 hours). The LM4128
features a typical long-term stability of 50 ppm over 1000 hours. The measurements are made using 5 units of
each voltage option, at a nominal input voltage (5V), with no load, at room temperature.
EXPRESSION OF ELECTRICAL CHARACTERISTICS
Electrical characteristics are typically expressed in mV, ppm, or a percentage of the nominal value. Depending
on the application, one expression may be more useful than the other. To convert one quantity to the other one
may apply the following:
ppm to mV error in output voltage:
where
•
VREF is in volts (V) and VERROR is in milli-volts (mV)
(4)
Bit error (1 bit) to voltage error (mV):
where
•
VREF is in volts (V)
•
VERROR is in milli-volts (mV)
•
and n is the number of bits
(5)
mV to ppm error in output voltage:
where
•
VREF is in volts (V)
•
VERROR is in milli-volts (mV)
(6)
Voltage error (mV) to percentage error (percent):
where
•
VREF is in volts (V)
•
VERROR is in milli-volts (mV)
(7)
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4128 LM4128Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com