Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5706APAPRG4 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAPRG4
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAPRG4 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TAS5706APAPRG4 Datasheet HTML 57Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 58Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 59Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 60Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 61Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 62Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 63Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 64Page - Texas Instruments TAS5706APAPRG4 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
TAS5706A
TAS5706B
www.ti.com............................................................................................................................................. SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009
Table 30. INPUT MULTIPLEXER REGISTER (0x20) = 02 01 66 7A
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
D25 = '1' negates the audio in channel-2 (Right Channel). This is to reduce
supply pumping when Left and Right channels are SE mode. RIght channel
0
0
0
0
0
0
1
0
speaker should be connected in reverse order: Positive speaker terminal to
ground and negative terminal to audio output (OUT_B) (1)
D23
D22
D21
D20
D19
D18
D17
D16
0
–
–
–
–
–
–
–
Channel-1 AD mode
–
0
0
0
–
–
–
–
SDIN1-L to channel 1
–
–
–
–
0
–
–
–
Channel 2 AD mode
–
–
–
–
–
0
0
1
SDIN1-R to channel 2
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
–
–
–
–
–
–
–
Reserved
1
1
0
–
–
–
–
Ground (0) to channel 3
–
–
–
0
–
–
–
Reserved
–
–
–
–
–
1
1
0
Ground (0) to channel 4
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Reserved
–
1
1
1
–
–
–
–
Ch6 (BTL–) to channel 5—BTL pair to channel 6
–
–
–
–
1
–
–
–
Channel 6 BD mode
–
–
–
–
–
0
1
0
SDIN2-L to channel 6
(1)
Bits [D29:D24] can be used to negate audio volume for channels [6:1] respectively and bits are defined as '0' means NO Volume
Negation and '1' means Volume Negation.
PWM Output Mux Register
The table below shows a settings like that.
In 2.1 Mode, PWM channel1 should be muxed to Out_A, channel2 to Out_B, and channel 4 to Out_C and
channel 5 to Out_D where Out_A and Out_B for SE channels and OUT_C and OUT_D are the BTL pairs.
Table 31. OUTPUT MULTIPLEXER REGISTER (0x25) = 01 01 54 23
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
–
–
–
Multiplex channel 1 to HPL_PWM
–
–
–
–
0
0
0
1
Multiplex channel 2 to HPR_PWM
D23
D22
D21
D20
D19
D18
D17
D16
Reserved = 0x00
0
0
0
0
–
–
–
–
Multiplex channel 1 to OUT_A (1)
–
–
–
–
0
0
0
1
Multiplex channel 2 to OUT_B (1)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
1
0
1
–
–
–
–
Multiplex channel 6 to OUT_C(1)
–
–
–
–
0
1
0
0
Multiplex channel 5 to OUT_D (1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
1
0
–
–
–
–
Multiplex channel 3 (ground) to SUB_PWM–
–
–
–
–
0
0
1
1
Multiplex channel 4 (ground) to SUB_PWM+
(1)
Settings required in 2.1 Mode
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com