Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ64GP710A Datasheet(PDF) 55 Page - Microchip Technology

Part # DSPIC33FJ64GP710A
Description  16-bit Digital Signal Controllers (up to 256 KB Flash and 30 KB SRAM) with Advanced Analog
PDF  362 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710A Datasheet(HTML) 55 Page - Microchip Technology

Back Button DSPIC33FJ64GP710A Datasheet HTML 51Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 52Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 53Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 54Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 55Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 56Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 57Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 58Page - Microchip Technology DSPIC33FJ64GP710A Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 362 page
background image
TABLE 4-15:
ADC1 REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ADC1BUF0
0300
ADC Data Buffer 0
xxxx
AD1CON1
0320
ADON
—
ADSIDL
ADDMABM
—
AD12B
FORM<1:0>
SSRC<2:0>
—
SIMSAM
ASAM
SAMP
DONE
0000
AD1CON2
0322
VCFG<2:0>
—
—
CSCNA
CHPS<1:0>
BUFS
—
SMPI<3:0>
BUFM
ALTS
0000
AD1CON3
0324
ADRC
—
—
SAMC<4:0>
ADCS<7:0>
0000
AD1CHS123
0326
—
—
—
—
—
CH123NB<1:0>
CH123SB
—
—
—
—
—
CH123NA<1:0>
CH123SA
0000
AD1CHS0
0328
CH0NB
—
—
CH0SB<4:0>
CH0NA
—
—
CH0SA<4:0>
0000
AD1PCFGH(1) 032A PCFG31 PCFG30 PCFG29
PCFG28
PCFG27 PCFG26 PCFG25
PCFG24
PCFG23 PCFG22 PCFG21 PCFG20 PCFG19 PCFG18 PCFG17
PCFG16
0000
AD1PCFGL
032C PCFG15 PCFG14 PCFG13
PCFG12
PCFG11 PCFG10
PCFG9
PCFG8
PCFG7
PCFG6
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
0000
AD1CSSH(1)
032E
CSS31
CSS30
CSS29
CSS28
CSS27
CSS26
CSS25
CSS24
CSS23
CSS22
CSS21
CSS20
CSS19
CSS18
CSS17
CSS16
0000
AD1CSSL
0330
CSS15
CSS14
CSS13
CSS12
CSS11
CSS10
CSS9
CSS8
CSS7
CSS6
CSS5
CSS4
CSS3
CSS2
CSS1
CSS0
0000
AD1CON4
0332
—
—
—
—
—
—
—
—
—
—
—
—
—
DMABL<2:0>
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note
1:
Not all ANx inputs are available on all devices. See the device pin diagrams for available ANx inputs.
TABLE 4-16:
ADC2 REGISTER MAP
File Name
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
ADC2BUF0
0340
ADC Data Buffer 0
xxxx
AD2CON1
0360
ADON
—
ADSIDL
ADDMABM
—
AD12B
FORM<1:0>
SSRC<2:0>
—
SIMSAM
ASAM
SAMP
DONE
0000
AD2CON2
0362
VCFG<2:0>
—
—
CSCNA
CHPS<1:0>
BUFS
—
SMPI<3:0>
BUFM
ALTS
0000
AD2CON3
0364
ADRC
—
—
SAMC<4:0>
ADCS<7:0>
0000
AD2CHS123
0366
—
—
—
—
—
CH123NB<1:0>
CH123SB
—
—
—
—
—
CH123NA<1:0>
CH123SA
0000
AD2CHS0
0368
CH0NB
—
—
—
CH0SB<3:0>
CH0NA
—
—
—
CH0SA<3:0>
0000
Reserved
036A
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
AD2PCFGL
036C
PCFG15 PCFG14 PCFG13
PCFG12
PCFG11 PCFG10
PCFG9
PCFG8
PCFG7
PCFG6
PCFG5
PCFG4
PCFG3
PCFG2
PCFG1
PCFG0
0000
Reserved
036E
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
AD2CSSL
0370
CSS15
CSS14
CSS13
CSS12
CSS11
CSS10
CSS9
CSS8
CSS7
CSS6
CSS5
CSS4
CSS3
CSS2
CSS1
CSS0
0000
AD2CON4
0372
—
—
—
—
—
—
—
—
—
—
—
—
—
DMABL<2:0>
0000
Legend:
x
= unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com