Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECWH10104HVC Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # ECWH10104HVC
Description  Metallized Polypropylene Film Capacitor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10104HVC Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button ECWH10104HVC Datasheet HTML 6Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 7Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 8Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 9Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 10Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 11Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 12Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 13Page - Panasonic Semiconductor ECWH10104HVC Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
1600VDC
0.0015
152
6000
9.0
0.0022
222
13.2
0.0033
332
19.8
0.0047
472
28.2
0.0068
682
40.8
0.0100
103
60.0
0.0150
153
90.0
0.0220
223
132.0
0.0330
333
198.0
0.0470
473
282.0
Pulse Handling Capability (dV/dt)
(Max 10000cycles)
Permissible Current
Voltage Derating by Temperature
0
200
400
600
800
1000
1200
1400
1600
1800
2000
-40
-20
0
20
40
60
80
100 120
0
1
2
3
4
5
6
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECWH(V) Type 1600VDC Series (Metallized Polypropylene Film)
Applicable Specifications
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
From 0.0013uF to 0.47uF
0.0015uF
0.0022uF
0.0033uF
0.0047uF
0.0068uF
0.01uF
0.015uF
0.022uF
0.033uF
0.047uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com