Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDDFN2-T33B Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CDDFN2-T33B
Description  Surface Mount TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDDFN2-T33B Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CDDFN2-T33B Datasheet HTML 1Page - Bourns Electronic Solutions CDDFN2-T33B Datasheet HTML 2Page - Bourns Electronic Solutions CDDFN2-T33B Datasheet HTML 3Page - Bourns Electronic Solutions CDDFN2-T33B Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CDDFN2-T3.3B - Surface Mount TVS Diode
Product Dimensions
Block Diagram
This is a Molded DFN-2 package with lead free 100 % Sn plating
on the terminations. It weighs approximately 30 mg.
Recommended PCB Footprint
How to Order
CD DFN2 - T 3.3 B
Common Diode
Chip Diode
Package
DFN2 = DFN-2 Package
Model
Transient Voltage Suppressor
Working Peak Reverse Voltage
3.3 = 3.3 VRWM (Volts)
Suffix
B = Bidirectional Diode
Typical Part Marking
CDDFN2-T3.3B .............................................................................. Y
DIMENSIONS:
MM
(INCHES)
A
TOP VIEW
SIDE VIEW
BOTTOM
VIEW
B
F
C
E
0.125
(0.005)
D
0.05
(0.002)
45 °
0.30
(0.012)
0.60
(0.024)
0.55
(0.022)
Symbol
Dimensions
Min.
Nom.
Max.
A
0.95
(0.037)
1.00
(0.039)
1.05
(0.041)
B
0.55
(0.022)
0.60
(0.024)
0.65
(0.026)
C
0.41
(0.016)
0.45
(0.018)
0.50
(0.020)
D
0.65
(0.026)
E
0.20
(0.008)
0.25
(0.010)
0.30
(0.012)
F
0.45
(0.018)
0.50
(0.020)
0.55
(0.022)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com