Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F629-IP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC12F629-IP
Description  8-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F629-IP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC12F629-IP Datasheet HTML 48Page - Microchip Technology PIC12F629-IP Datasheet HTML 49Page - Microchip Technology PIC12F629-IP Datasheet HTML 50Page - Microchip Technology PIC12F629-IP Datasheet HTML 51Page - Microchip Technology PIC12F629-IP Datasheet HTML 52Page - Microchip Technology PIC12F629-IP Datasheet HTML 53Page - Microchip Technology PIC12F629-IP Datasheet HTML 54Page - Microchip Technology PIC12F629-IP Datasheet HTML 55Page - Microchip Technology PIC12F629-IP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 136 page
background image
PIC12F629/675
DS41190G-page 52
 2010 Microchip Technology Inc.
8.7
Data EEPROM Operation During
Code Protect
Data memory can be code protected by programming
the CPD bit to ‘0’.
When the data memory is code protected, the CPU is
able to read and write data to the data EEPROM. It is
recommended to code protect the program memory
when code protecting data memory. This prevents
anyone from programming zeroes over the existing
code (which will execute as NOPs) to reach an added
routine, programmed in unused program memory,
which outputs the contents of data memory.
Programming unused locations to ‘0’ will also help
prevent data memory code protection from becoming
breached.
TABLE 8-1:
REGISTERS/BITS ASSOCIATED WITH DATA EEPROM
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD
Value on all
other
Resets
0Ch
PIR1
EEIF
ADIF
—
—
CMIF
—
—
TMR1IF 00-- 0--0 00-- 0--0
9Ah
EEDATA
EEPROM Data Register
0000 0000 0000 0000
9Bh
EEADR
—
EEPROM Address Register
-000 0000 -000 0000
9Ch
EECON1
—
—
—
—
WRERR WREN
WR
RD
---- x000 ---- q000
9Dh
EECON2(1) EEPROM Control Register 2
---- ---- ---- ----
Legend: x = unknown, u = unchanged, - = unimplemented read as ‘
0’, q = value depends upon condition.
Shaded cells are not used by data EEPROM module.
Note 1: EECON2 is not a physical register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com