Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP2-DC3V Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # SP2-DC3V
Description  2c 15A, 4c 10A polarized power relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SP2-DC3V Datasheet(HTML) 5 Page - Panasonic Semiconductor

  SP2-DC3V Datasheet HTML 1Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 2Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 3Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 4Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 5Page - Panasonic Semiconductor SP2-DC3V Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
SP
ASCTB208E 201202-T
SAFETY STANDARDS
For Cautions for Use.
Item
UL/C-UL (Recognized)
CSA (Certified)
TÜV (Certified)
File No.
Contact rating
File No.
Contact rating
File No.
Rating
2 Form C
E43028
15A 250V AC
1
/2HP 125, 250V AC
10A 30V DC
LR26550
etc.
15A 250V AC
1
/2HP 125, 250V AC
10A 30V DC
B 0303
13461 010
15A 250V AC (cos
φ=1.0)
10A 30V DC
4 Form C
E43028
10A 250V AC
1
/3HP 125, 250V AC
10A 30V DC
LR26550
etc.
10A 250V AC
1
/3HP 125, 250V AC
10A 30V DC
B 0303
13461 010
10A 250V AC (cos
φ=1.0)
10A 30V DC
4 Form C
Plug-in terminal
External dimensions
General tolerance:
±0.3 ±.012
PC board type
External dimensions
General tolerance:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
50
1
36.8
20.5
7.15
1.5
10
10.16
.400
4.75
10.16
.400
10.16
.400
10.16
.400
15.24
0.5
7.62
7.62
1.969
.039
1.449
.807
.281
.059
.394
.187
.600
.020
.300
.300
.807
20.5
5.5
.217
.059
1.5
10.16
2
.079
10.16 10.16 10.16
.400
.400
.400
.400
0.5
.020
15.24
.600
7.62
7.62
.300
.300
15.24
.600
7.62
7.62
.300
.300
10.16 10.16 10.16 10.16
.400
.400
.400
.400
16-.098 dia.
16-2.5 dia.
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
1
289
10
14
15
16
567
11
12
13
1
SET
RST
2
3
4
89
10
14
15
16
567
11
12
13
Diagram shows the “reset” position when terminals 3 and 4 are energized. Energize terminals 1 and 2 to transfer contacts.
CAD Data
CAD Data



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com