Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UDN2916EB Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # UDN2916EB
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UDN2916EB Datasheet(HTML) 2 Page - Allegro MicroSystems

  UDN2916EB Datasheet HTML 1Page - Allegro MicroSystems UDN2916EB Datasheet HTML 2Page - Allegro MicroSystems UDN2916EB Datasheet HTML 3Page - Allegro MicroSystems UDN2916EB Datasheet HTML 4Page - Allegro MicroSystems UDN2916EB Datasheet HTML 5Page - Allegro MicroSystems UDN2916EB Datasheet HTML 6Page - Allegro MicroSystems UDN2916EB Datasheet HTML 7Page - Allegro MicroSystems UDN2916EB Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2916
DUAL FULL-BRIDGE
MOTOR DRIVER
2
GND
GND
GND
GND
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
34
33
32
31
Dwg. PP-006A
1
2
PWM 1
PWM 2
θ
1
2
θ
VCC
NC
NC
VREF
Dwg. EP-007B
V
BB
SENSE
ONE
SHOT
SOURCE
DISABLE
RC
–
+
I 0
I1
÷10
E
OUT A
OUTB
'B' PACKAGE,
CHANNEL 1
PIN NUMBERS
SHOWN.
RC
R
S
R
T
C
C
C
T
24
20 k
Ω
40 k
Ω
10 k
Ω
21
1
23
22
14
20
17
15
UDN2916EB (PLCC)
24
23
22
21
20
19
18
17
16
15
14
13
GROUND
GROUND
2B
OUT
SENSE 2
2
E
2A
OUT
1A
OUT
1
E
SENSE 1
1B
OUT
01
I
LOAD SUPPLY
Dwg. PP-047
1
2
3
4
5
6
7
8
9
12
11
10
9
GROUND
GROUND
02
I
12
I
PHASE 2
VREF 2
2
RC
VCC
1
RC
V
REF 1
PHASE 1
11
I
LOGIC SUPPLY
θ
1
θ
2
2
1
UDN2916LB (SOIC)
PWM CURRENT-CONTROL CIRCUITRY
50
75
100
125
150
5
1
0
TEMPERATURE IN
°°°°C
4
3
2
25
Dwg. GP-035B
R
= 6.0
°C/W
SUFFIX 'B', R
= 40
°C/W
SUFFIX 'LB', R
= 77
°C/W
SUFFIX 'EB', R
= 30
°C/W
θJT
θJA
θJA
θJA
TRUTH TABLE
PHASE
OUT
A
OUT
B
HH
L
LL
H
Copyright © 1994, 2003 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com