Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP2323ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2323ACPZ-R7
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2323ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP2323
Data Sheet
Rev. A | Page 10 of 32
3.5
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
4.5
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING
Figure 11. UVLO Threshold vs. Temperature
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 12. EN Source Current at VEN = 1.5 V
594
596
598
600
602
604
606
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 13. FB Voltage vs. Temperature
1.00
1.05
1.10
1.15
1.20
1.25
1.30
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
RISING
FALLING
Figure 14. EN Threshold vs. Temperature
4.60
4.65
4.70
4.75
4.80
4.85
4.90
4.95
5.00
5.05
5.10
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 15. EN Source Current at VEN = 1 V
250
260
270
280
290
300
310
320
330
340
350
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 16. gm vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com