Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FS-S Datasheet(PDF) 18 Page - SPANSION

Part # S25FS-S
Description  MirrorBit Flash Non-Volatile Memory
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FS-S Datasheet(HTML) 18 Page - SPANSION

Back Button S25FS-S Datasheet HTML 14Page - SPANSION S25FS-S Datasheet HTML 15Page - SPANSION S25FS-S Datasheet HTML 16Page - SPANSION S25FS-S Datasheet HTML 17Page - SPANSION S25FS-S Datasheet HTML 18Page - SPANSION S25FS-S Datasheet HTML 19Page - SPANSION S25FS-S Datasheet HTML 20Page - SPANSION S25FS-S Datasheet HTML 21Page - SPANSION S25FS-S Datasheet HTML 22Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 154 page
background image
18
S25FS-S Family
S25FS-S_00_04 November 6, 2013
Data
Sheet
(Pre limin ar y)
Hardware Interface
Serial Peripheral Interface with Multiple Input / Output (SPI-MIO)
Many memory devices connect to their host system with separate parallel control, address, and data signals
that require a large number of signal connections and larger package size. The large number of connections
increase power consumption due to so many signals switching and the larger package increases cost.
The S25FS-S family reduces the number of signals for connection to the host system by serially transferring
all control, address, and data information over 4 to 6 signals. This reduces the cost of the memory package,
reduces signal switching power, and either reduces the host connection count or frees host connectors for
use in providing other features.
The S25FS-S family uses the industry standard single bit Serial Peripheral Interface (SPI) and also supports
optional extension commands for 2-bit (Dual) and 4-bit (Quad) wide serial transfers. This multiple width
interface is called SPI Multi-I/O or SPI-MIO.
3.
Signal Descriptions
3.1
Input/Output Summary
Table 3.1 Signal List
Signal Name
Type
Description
SCK
Input
Serial Clock.
CS#
Input
Chip Select.
SI / IO0
I/O
Serial Input for single bit data commands or IO0 for Dual or Quad commands.
SO / IO1
I/O
Serial Output for single bit data commands. IO1 for Dual or Quad commands.
WP# / IO2
I/O
Write Protect when not in Quad Mode (CR1V[1] = 0 and SR1NV[7] = 1).
IO2 when in Quad Mode (CR1V[1] = 1).
The signal has an internal pull-up resistor and may be left unconnected in the host
system if not used for Quad commands or write protection. If write protection is enabled
by SR1NV[7] = 1 and CR1V[1] = 0, the host system is required to drive WP# high or low
during a WRR or WRAR command.
IO3 /
RESET#
I/O
IO3 in Quad-I/O mode, when Configuration Register 1 QUAD bit, CR1V[1] =1, and CS# is
low.
RESET# when enabled by CR2V[5]=1 and not in Quad-I/O mode, CR1V[1] = 0, or when
enabled in Quad Mode, CR1V[1] = 1 and CS# is high.
The signal has an internal pull-up resistor and may be left unconnected in the host
system if not used for Quad commands or RESET#.
VDD
Supply
Power Supply.
VSS
Supply
Ground.
NC
Unused
Not Connected. No device internal signal is connected to the package connector nor is
there any future plan to use the connector for a signal. The connection may safely be
used for routing space for a signal on a Printed Circuit Board (PCB). However, any signal
connected to an NC must not have voltage levels higher than VDD.
RFU
Reserved
Reserved for Future Use. No device internal signal is currently connected to the
package connector but there is potential future use of the connector for a signal. It is
recommended to not use RFU connectors for PCB routing channels so that the PCB may
take advantage of future enhanced features in compatible footprint devices.
DNU
Reserved
Do Not Use. A device internal signal may be connected to the package connector. The
connection may be used by Spansion for test or other purposes and is not intended for
connection to any host system signal. Any DNU signal related function will be inactive
when the signal is at VIL. The signal has an internal pull-down resistor and may be left
unconnected in the host system or may be tied to VSS. Do not use these connections for
PCB signal routing channels. Do not connect any host system signal to this connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com