Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PICPIC16F639ESS Datasheet(PDF) 16 Page - Microchip Technology

Part # PICPIC16F639ESS
Description  PIC12F635/PIC16F636/639 Data Sheet
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICPIC16F639ESS Datasheet(HTML) 16 Page - Microchip Technology

Back Button PICPIC16F639ESS Datasheet HTML 12Page - Microchip Technology PICPIC16F639ESS Datasheet HTML 13Page - Microchip Technology PICPIC16F639ESS Datasheet HTML 14Page - Microchip Technology PICPIC16F639ESS Datasheet HTML 15Page - Microchip Technology PICPIC16F639ESS Datasheet HTML 16Page - Microchip Technology PICPIC16F639ESS Datasheet HTML 17Page - Microchip Technology PICPIC16F639ESS Datasheet HTML 18Page - Microchip Technology PICPIC16F639ESS Datasheet HTML 19Page - Microchip Technology PICPIC16F639ESS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 14
© 2007 Microchip Technology Inc.
TABLE 1-3:
PIC16F639 PINOUT DESCRIPTIONS
Name
Function
Input
Type
Output
Type
Description
LCCOM
LCCOM
AN
—
Common reference for analog inputs.
LCX
LCX
AN
—
125 kHz analog X channel input.
LCY
LCY
AN
—
125 kHz analog Y channel input.
LCZ
LCZ
AN
—
125 kHz analog Z channel input.
RA0/C1IN+/ICSPDAT/ULPWU
RA0
TTL
—
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up/pull-down.
Selectable Ultra Low-Power Wake-up pin.
C1IN+
AN
—
Comparator1 input – positive.
ICSPDAT
TTL
CMOS
Serial Programming Data IO.
ULPWU
AN
—
Ultra Low-Power Wake-up input.
RA1/C1IN-/VREF/ICSPCLK
RA1
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up/pull-down.
C1IN-
AN
—
Comparator1 input – negative.
VREF
AN
—
External voltage reference
ICSPCLK
ST
—
Serial Programming Clock.
RA2/T0CKI/INT/C1OUT
RA2
ST
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up/pull-down.
T0CKI
ST
—
External clock for Timer0.
INT
ST
—
External Interrupt.
C1OUT
—
CMOS
Comparator1 output.
RA3/MCLR/VPP
RA3
TTL
—
General purpose input. Individually controlled
interrupt-on-change.
MCLR
ST
—
Master Clear Reset. Pull-up enabled when configured as MCLR.
VPP
HV
—
Programming voltage.
RA4/T1G/OSC2/CLKOUT
RA4
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up/pull-down.
T1G
ST
—
Timer1 gate.
OSC2
—
XTAL
XTAL connection.
CLKOUT
—
CMOS
TOSC reference clock.
RA5/T1CKI/OSC1/CLKIN
RA5
TTL
CMOS
General purpose I/O. Individually controlled interrupt-on-change.
Individually enabled pull-up/pull-down.
T1CKI
ST
—
Timer1 clock.
OSC1
XTAL
—
XTAL connection.
CLKIN
ST
—
TOSC/4 reference clock.
RC0/C2IN+
RC0
TTL
CMOS
General purpose I/O.
C2IN+
AN
—
Comparator1 input – positive.
RC1/C2IN-/CS
RC1
TTL
CMOS
General purpose I/O.
C2IN-
AN
—
Comparator1 input – negative.
CS
TTL
—
Chip select input for SPI communication with internal pull-up
resistor.
RC2/SCLK/ALERT
RC2
TTL
CMOS
General purpose I/O.
SCLK
TTL
—
Digital clock input for SPI communication.
ALERT
—
OD
Output with internal pull-up resistor for AFE error signal.
Legend:
AN
= Analog input or output
CMOS = CMOS compatible input or output
D
= Direct
HV
= High Voltage
ST
= Schmitt Trigger input with CMOS levels
OD = Open Drain
TTL = TTL compatible input
XTAL
= Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com