Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3220EB Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP3220EB
Description  High Speed 3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220EB Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP3220EB Datasheet HTML 11Page - Sipex Corporation SP3220EB Datasheet HTML 12Page - Sipex Corporation SP3220EB Datasheet HTML 13Page - Sipex Corporation SP3220EB Datasheet HTML 14Page - Sipex Corporation SP3220EB Datasheet HTML 15Page - Sipex Corporation SP3220EB Datasheet HTML 16Page - Sipex Corporation SP3220EB Datasheet HTML 17Page - Sipex Corporation SP3220EB Datasheet HTML 18Page - Sipex Corporation SP3220EB Datasheet HTML 19Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
Rev: A Date:12/11/03
SP3220EB/EU +3.0 to +5.0V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
D
EH
PACKAGE: PLASTIC
SMALL OUTLINE (SOIC)
DIMENSIONS (Inches)
Minimum/Maximum
(mm)
A
A1
Ø
L
B
e
A
A1
B
D
E
e
H
L
Ø
16–PIN
0.090/0.104
(2.29/2.649)
0.004/0.012
(0.102/0.300)
0.013/0.020
(0.330/0.508)
0.398/0.413
(10.10/10.49)
0.291/0.299
(7.402/7.600)
0.050 BSC
(1.270 BSC)
0.394/0.419
(10.00/10.64)
0.016/0.050
(0.406/1.270)
0°/8°
(0°/8°)
18–PIN
0.090/0.104
(2.29/2.649))
0.004/0.012
(0.102/0.300)
0.013/0.020
(0.330/0.508)
0.447/0.463
(11.35/11.74)
0.291/0.299
(7.402/7.600)
0.050 BSC
(1.270 BSC)
0.394/0.419
(10.00/10.64)
0.016/0.050
(0.406/1.270)
0°/8°
(0°/8°)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com