Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5731MPHP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5731MPHP
Description  2 * 30-W DIGITAL AUDIO POWER AMPLIFIER WITH DSP AND 2.1 MODE
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5731MPHP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS5731MPHP Datasheet HTML 15Page - Texas Instruments TAS5731MPHP Datasheet HTML 16Page - Texas Instruments TAS5731MPHP Datasheet HTML 17Page - Texas Instruments TAS5731MPHP Datasheet HTML 18Page - Texas Instruments TAS5731MPHP Datasheet HTML 19Page - Texas Instruments TAS5731MPHP Datasheet HTML 20Page - Texas Instruments TAS5731MPHP Datasheet HTML 21Page - Texas Instruments TAS5731MPHP Datasheet HTML 22Page - Texas Instruments TAS5731MPHP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
Total Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
C005
2.0 BTL Mode
R
L = 8Ÿ
T
A = 25ƒC
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 4
Ÿ
RL = 6
Ÿ
RL = 8
Ÿ
C008
2.0 BTL Mode
PV
DD = 24V
P
O = 1W
T
A = 25ƒC
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 4
Ÿ
RL = 6
Ÿ
RL = 8
Ÿ
C006
2.0 BTL Mode
PV
DD = 12V
P
O = 1W
T
A = 25ƒC
0.001
0.01
0.1
1
10
20
200
2k
20k
Frequency (Hz)
RL = 4
Ÿ
RL = 6
Ÿ
RL = 8
Ÿ
C007
2.0 BTL Mode
PV
DD = 18V
P
O = 1W
T
A = 25ƒC
TAS5731M
www.ti.com
SLOS838B – JULY 2013 – REVISED NOVEMBER 2013
TYPICAL CHARACTERISTICS, 2.0 BTL CONFIGURATION, 8
Ω (continued)
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
FREQUENCY (2.0 BTL MODE)
FREQUENCY (2.0 BTL MODE)
Figure 25.
Figure 26.
TOTAL HARMONIC DISTORTION
EFFICIENCY
vs
vs
FREQUENCY (2.0 BTL MODE)
OUTPUT POWER (2.0 BTL MODE)
Figure 27.
Figure 28.
Copyright © 2013, Texas Instruments Incorporated
19
Product Folder Links :TAS5731M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com