Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1508TESSQTO Datasheet(PDF) 293 Page - Microchip Technology

Part # PIC16LF1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1508TESSQTO Datasheet(HTML) 293 Page - Microchip Technology

Back Button PIC16LF1508TESSQTO Datasheet HTML 289Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 290Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 291Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 292Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 293Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 294Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 295Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 296Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 297Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 293
PIC16(L)F1508/9
25.9
NCOx Control Registers
REGISTER 25-2:
NCOxCLK: NCOx INPUT CLOCK CONTROL REGISTER
REGISTER 25-1:
NCOxCON: NCOx CONTROL REGISTER
R/W-0/0
R/W-0/0
R-0/0
R/W-0/0
U-0
U-0
U-0
R/W-0/0
NxEN
NxOE
NxOUT
NxPOL
—
—
—NxPFM
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
NxEN: NCOx Enable bit
1 = NCOx module is enabled
0 = NCOx module is disabled
bit 6
NxOE: NCOx Output Enable bit
1 = NCOx output pin is enabled
0 = NCOx output pin is disabled
bit 5
NxOUT: NCOx Output bit
1 = NCOx output is high
0 = NCOx output is low
bit 4
NxPOL: NCOx Polarity bit
1 = NCOx output signal is active-high
0 = NCOx output signal is active-low
bit 3-1
Unimplemented: Read as ‘0’.
bit 0
NxPFM: NCOx Pulse Frequency Mode bit
1 = NCOx operates in Pulse Frequency mode
0 = NCOx operates in Fixed Duty Cycle mode
R/W-0/0
R/W-0/0
R/W-0/0
U-0
U-0
U-0
R/W-0/0
R/W-0/0
NxPWS<2:0>
—
—
—NxCKS<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-5
NxPWS<2:0>: NCOx Output Pulse Width Select bits(1, 2)
111 = 128 NCOx clock periods
110 = 64 NCOx clock periods
101 = 32 NCOx clock periods
100 = 16 NCOx clock periods
011 = 8 NCOx clock periods
010 = 4 NCOx clock periods
001 = 2 NCOx clock periods
000 = 1 NCOx clock periods
bit 4-2
Unimplemented: Read as ‘0’
bit 1-0
NxCKS<1:0>: NCOx Clock Source Select bits
11 = NCO1CLK
10 = LC1OUT
01 = FOSC
00 = HFINTOSC (16 MHz)
Note 1: NxPWS applies only when operating in Pulse Frequency mode.
2: If NCOx pulse width is greater than NCOx overflow period, operation is undeterminate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com