Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1508TESSQTO Datasheet(PDF) 12 Page - Microchip Technology

Part # PIC16LF1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1508TESSQTO Datasheet(HTML) 12 Page - Microchip Technology

Back Button PIC16LF1508TESSQTO Datasheet HTML 8Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 9Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 10Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 11Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 12Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 13Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 14Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 15Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 384 page
background image
PIC16(L)F1508/9
DS41609A-page 12
Preliminary
 2011 Microchip Technology Inc.
RB4/AN10/CLC3IN0/SDA/SDI
RB4
TTL
CMOS General purpose I/O.
AN10
AN
—
A/D Channel input.
CLC3IN0
ST
—
Configurable Logic Cell source input.
SDA
I2COD
I2C data input/output.
SDI
CMOS
—
SPI data input.
RB5/AN11/CLC4IN0/RX/DT
RB5
TTL
CMOS General purpose I/O.
AN11
AN
—
A/D Channel input.
CLC4IN0
ST
—
Configurable Logic Cell source input.
RX
ST
—
USART asynchronous input.
DT
ST
CMOS USART synchronous data.
RB6/SCL/SCK
RB6
TTL
CMOS General purpose I/O.
SCL
I2COD
I2C™ clock.
SCK
ST
CMOS SPI clock.
RB7/CLC3/TX/CK
RB7
TTL
CMOS General purpose I/O.
CLC3
—
CMOS Configurable Logic Cell source output.
TX
—
CMOS USART asynchronous transmit.
CK
ST
CMOS USART synchronous clock.
RC0/AN4/CLC2/C2IN+
RC0
TTL
CMOS General purpose I/O.
AN4
AN
—
A/D Channel input.
CLC2
—
CMOS Configurable Logic Cell source output.
C2IN+
AN
—
Comparator positive input.
RC1/AN5/C1IN1-/C2IN1-/PWM4/
NCO1(1)
RC1
TTL
CMOS General purpose I/O.
AN5
AN
—
A/D Channel input.
C1IN1-
AN
—
Comparator negative input.
C2IN1-
AN
—
Comparator negative input.
PWM4
—
CMOS PWM output.
NCO1
—
CMOS Numerically Controlled Oscillator is source output.
RC2/AN6/C1IN2-/C2IN2-
RC2
TTL
CMOS General purpose I/O.
AN6
AN
—
A/D Channel input.
C1IN2-
AN
—
Comparator negative input.
C2IN2-
AN
—
Comparator negative input.
RC3/AN7/C1IN3-/PWM2/
CLC2IN0
RC3
TTL
CMOS General purpose I/O.
AN7
AN
—
A/D Channel input.
C1IN3-
AN
—
Comparator negative input.
PWM2
—
CMOS PWM output.
CLC2IN0
ST
—
Configurable Logic Cell source input.
RC4/C2OUT/CLC2IN1/CLC4/
CWG1B
RC4
TTL
CMOS General purpose I/O.
C2OUT
—
CMOS Comparator output.
CLC2IN1
ST
—
Configurable Logic Cell source input.
CLC4
—
CMOS Configurable Logic Cell source output.
CWG1B
—
CMOS CWG complementary output.
TABLE 1-2:
PIC16(L)F1508/9 PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1: Default location for peripheral pin function. Alternate location can be selected using the APFCON register.
2: Alternate location for peripheral pin function selected by the APFCON register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com