Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1508TESSQTO Datasheet(PDF) 336 Page - Microchip Technology

Part # PIC16LF1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1508TESSQTO Datasheet(HTML) 336 Page - Microchip Technology

Back Button PIC16LF1508TESSQTO Datasheet HTML 332Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 333Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 334Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 335Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 336Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 337Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 338Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 339Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 340Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 384 page
background image
PIC16(L)F1508/9
DS41609A-page 336
Preliminary
 2011 Microchip Technology Inc.
29.3
DC Characteristics: PIC16(L)F1508/9-I/E (Power-Down)
PIC16LF1508/9
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
PIC16F1508/9
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for industrial
-40°C
 TA  +125°C for extended
Param
No.
Device Characteristics
Min.
Typ†
Max.
+85°C
Max.
+125°C
Units
Conditions
VDD
Note
Power-down Current (IPD)(2)
D022
—
0.025
1.0
7.0
A
1.8
Base Current: WDT, BOR, FVR,
and SOSC disabled, all Peripher-
als inactive
—
0.035
2.0
9.0
A3.0
D022
—
0.20
2.0
10
A
2.3
WDT, BOR, FVR, and SOSC dis-
abled, all Peripherals inactive
(VREGPM = 1; Low-Power mode)
—
0.25
4.0
12
A
3.0
—
0.30
12
15
A
5.0
D022A
—
10
17
18
A
2.3
Base Current: WDT, BOR, FVR
and SOSC disabled, all peripheral
inactive (VREGPM = 0; Normal
Power mode)
—
11
22
24
A
3.0
—
12
25
30
A
5.0
D023
—
0.29
1.5
7
A
1.8
LPWDT Current
(Note 1)
—
0.39
2.0
9
A3.0
D023
—
10.5
38
44
A
2.3
LPWDT Current
(Note 1)
—
11.3
43
48
A
3.0
—
12.5
46
50
A
5.0
D023A
—
14
44
50
A
1.8
FVR current
(Note 1)
—23
48
54
A3.0
D023A
—
23
62
65
A
2.3
FVR current
(Note 1)
—
30
72
75
A
3.0
—
34
115
120
A
5.0
D024
—
7
14
16
A
3.0
BOR Current
(Note 1)
D024
—
15
47
50
A
3.0
BOR Current
(Note 1)
—
17
55
66
A
5.0
D24A
—
0.1
4
14
A
3.0
LPBOR Current
(Note 1)
D24A
—
11
47
50
A
3.0
LPBOR Current
(Note 1)
—
12
52
60
A
5.0
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
The peripheral current is the sum of the base IDD or IPD and the additional current consumed when this peripheral is
enabled. The peripheral
 current can be determined by subtracting the base IDD or IPD current from this limit. Max
values should be used when calculating total current consumption.
2:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD.
3:
A/D oscillator source is FRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com