Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF1508TESSQTO Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC16LF1508TESSQTO
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF1508TESSQTO Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC16LF1508TESSQTO Datasheet HTML 108Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 109Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 110Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 111Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 112Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 113Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 114Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 115Page - Microchip Technology PIC16LF1508TESSQTO Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 384 page
background image
PIC16(L)F1508/9
DS41609A-page 112
Preliminary
 2011 Microchip Technology Inc.
11.1
Alternate Pin Function
The Alternate Pin Function Control register is used to
steer specific peripheral input and output functions
between different pins. The APFCON register is shown
in Register 11-1. For this device family, the following
functions can be moved between different pins.
•SS
•T1G
•CLC1
• NCO1
These bits have no effect on the values of any TRIS
register. PORT and TRIS overrides will be routed to the
correct pin. The unselected pin will be unaffected.
REGISTER 11-1:
APFCON: ALTERNATE PIN FUNCTION CONTROL REGISTER
U-0
U-0
U-0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
—
—
—
SSSEL
T1GSEL
—
CLC1SEL
NCO1SEL
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-5
Unimplemented: Read as ‘0’
bit 4
SSSEL: Pin Selection bit
1 =SS function is on RA3
0 =SS function is on RC6
bit 3
T1GSEL: Pin Selection bit
1 = T1G function is on RA3
0 = T1G function is on RA4
bit 2
Unimplemented: Read as ‘0’
bit 1
CLC1SEL: Pin Selection bit
1 = CLC1 function is on RC5
0 = CLC1 function is on RA2
bit 0
NCO1SEL: Pin Selection bit
1 = NCO1 function is on RA6
0 = NCO1 function is on RC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com