Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1508TESSSQTP Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC16F1508TESSSQTP
Description  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSSQTP Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC16F1508TESSSQTP Datasheet HTML 45Page - Microchip Technology PIC16F1508TESSSQTP Datasheet HTML 46Page - Microchip Technology PIC16F1508TESSSQTP Datasheet HTML 47Page - Microchip Technology PIC16F1508TESSSQTP Datasheet HTML 48Page - Microchip Technology PIC16F1508TESSSQTP Datasheet HTML 49Page - Microchip Technology PIC16F1508TESSSQTP Datasheet HTML 50Page - Microchip Technology PIC16F1508TESSSQTP Datasheet HTML 51Page - Microchip Technology PIC16F1508TESSSQTP Datasheet HTML 52Page - Microchip Technology PIC16F1508TESSSQTP Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 384 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41609A-page 49
PIC16(L)F1508/9
5.0
OSCILLATOR MODULE (WITH
FAIL-SAFE CLOCK MONITOR)
5.1
Overview
The oscillator module has a wide variety of clock
sources and selection features that allow it to be used
in a wide range of applications while maximizing perfor-
mance and minimizing power consumption. Figure 5-1
illustrates a block diagram of the oscillator module.
Clock sources can be supplied from external oscillators,
quartz crystal resonators, ceramic resonators and
Resistor-Capacitor (RC) circuits. In addition, the system
clock source can be supplied from one of two internal
oscillators, with a choice of speeds selectable via
software. Additional clock features include:
• Selectable system clock source between external
or internal sources via software.
• Two-Speed Start-up mode, which minimizes
latency between external oscillator start-up and
code execution.
• Fail-Safe Clock Monitor (FSCM) designed to
detect a failure of the external clock source (LP,
XT, HS, EC or RC modes) and switch
automatically to the internal oscillator.
• Oscillator Start-up Timer (OST) ensures stability
of crystal oscillator sources
• Fast start-up oscillator allows internal circuits to
power-up and stabilize before switching to the 16
MHz HFINTOSC
The oscillator module can be configured in one of eight
clock modes.
1.
ECL – External Clock Low-Power mode
(0 MHz to 0.5 MHz)
2.
ECM – External Clock Medium-Power mode
(0.5 MHz to 4 MHz)
3.
ECH – External Clock High-Power mode
(4 MHz to 20 MHz)
4.
LP – 32 kHz Low-Power Crystal mode.
5.
XT – Medium Gain Crystal or Ceramic Resonator
Oscillator mode (up to 4 MHz)
6.
HS – High Gain Crystal or Ceramic Resonator
mode (4 MHz to 20 MHz)
7.
RC – External Resistor-Capacitor (RC)
8.
INTOSC – Internal oscillator (31 kHz to 16 MHz)
Clock Source modes are selected by the FOSC<2:0>
bits in the Configuration Words. The FOSC bits
determine the type of oscillator that will be used when
the device is first powered.
The EC clock mode relies on an external logic level
signal as the device clock source. The LP, XT, and HS
clock modes require an external crystal or resonator to
be connected to the device. Each mode is optimized for
a different frequency range. The RC clock mode
requires an external resistor and capacitor to set the
oscillator frequency.
The INTOSC internal oscillator block produces a low
and
high-frequency
clock
source,
designated
LFINTOSC and HFINTOSC. (See Internal Oscillator
Block, Figure 5-1). A wide selection of device clock
frequencies may be derived from these two clock
sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com