Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS8405IPFBT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8405IPFBT
Description  16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8405IPFBT Datasheet(HTML) 2 Page - Texas Instruments

  ADS8405IPFBT Datasheet HTML 1Page - Texas Instruments ADS8405IPFBT Datasheet HTML 2Page - Texas Instruments ADS8405IPFBT Datasheet HTML 3Page - Texas Instruments ADS8405IPFBT Datasheet HTML 4Page - Texas Instruments ADS8405IPFBT Datasheet HTML 5Page - Texas Instruments ADS8405IPFBT Datasheet HTML 6Page - Texas Instruments ADS8405IPFBT Datasheet HTML 7Page - Texas Instruments ADS8405IPFBT Datasheet HTML 8Page - Texas Instruments ADS8405IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ADS8405
SLAS427 – DECEMBER 2004
ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
NO MISSING
TRANSPORT
INTEGRAL
DIFFERENTIAL
CODES
PACKAGE
PACKAGE
TEMPERATURE
ORDERING
MODEL
MEDIA
LINEARITY
LINEARITY
RESOLUTION
TYPE
DESIGNATOR
RANGE
INFORMATION
QUANTITY
(LSB)
(LSB)
(BIT)
Tape and reel
ADS8405IPFBT
250
ADS8405I
–4 to +4
–2 to +2
15
48 Pin TQFP
PFB
–40
°C to 85°C
Tape and reel
ADS8405IPFBR
1000
Tape and reel
ADS8405IBPFBT
250
ADS8405IB
–2 to +2
–1 to +1.5
16
48 Pin TQFP
PFB
–40
°C to 85°C
Tape and reel
ADS8405IBPFBR
1000
(1)
For the most current specifications and package information, refer to our website at www.ti.com.
over operating free-air temperature range unless otherwise noted(1)
UNIT
+IN to AGND
–0.4 V to +VA + 0.1 V
–IN to AGND
–0.4 V to 0.5 V
Voltage
+VA to AGND
–0.3 V to 7 V
+VBD to BDGND
–0.3 V to 7 V
+VA to +VBD
–0.3 V to 2.55 V
Digital input voltage to BDGND
–0.3 V to +VBD + 0.3 V
Digital output voltage to BDGND
–0.3 V to +VBD + 0.3 V
TA
Operating free-air temperature range
–40
°C to 85°C
Tstg
Storage temperature range
–65
°C to 150°C
Junction temperature (TJ max)
150
°C
Power dissipation
(TJMax – TA)/θJA
TQFP package
θ
JA thermal impedance
86
°C/W
Vapor phase (60 sec)
215
°C
Lead temperature, soldering
Infrared (15 sec)
220
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com