Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADA4665-2ARMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4665-2ARMZ-R7
Description  16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4665-2ARMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4665-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADA4665-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADA4665-2
Rev. 0 | Page 8 of
20
0.1
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
TA = 25°C, unless otherwise noted.
10k
1k
100
10
1
VSY = 5V
–40°C
+25°C
+85°C
+125°C
Figure 15. Output Voltage (VOL) to Supply Rail vs. Load Current
5.00
4.99
4.98
4.97
4.96
4.95
4.94
4.93
10k
1k
100
10
1
0.1
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VSY = 16V
–40°C
+25°C
+85°C
+125°C
Figure 18. Output Voltage (VOL) to Supply Rail vs. Load Current
4.92
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 5V
RL = 100kΩ
RL = 10kΩ
Figure 16. Output Voltage (VOH) vs. Temperature
10
16.00
15.99
15.98
15.97
15.96
15.95
15.94
15.93
15.92
15.91
15.90
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
RL = 100kΩ
RL = 10kΩ
VSY = 16V
Figure 19. Output Voltage (VOH) vs. Temperature
0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
60
50
40
30
20
RL = 100kΩ
VSY = 5V
RL = 10kΩ
Figure 17. Output Voltage (VOL) vs. Temperature
60
50
40
30
20
10
0
–50
–25
0
25
50
75
100
125
VSY = 16V
TEMPERATURE (°C)
RL = 100kΩ
RL = 10kΩ
Figure 20. Output Voltage (VOL) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com