Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP1712AUJZ-1.3-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1712AUJZ-1.3-R7
Description  300 mA, Low Dropout CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1712AUJZ-1.3-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1712AUJZ-1.3-R7 Datasheet HTML 2Page - Analog Devices ADP1712AUJZ-1.3-R7 Datasheet HTML 3Page - Analog Devices ADP1712AUJZ-1.3-R7 Datasheet HTML 4Page - Analog Devices ADP1712AUJZ-1.3-R7 Datasheet HTML 5Page - Analog Devices ADP1712AUJZ-1.3-R7 Datasheet HTML 6Page - Analog Devices ADP1712AUJZ-1.3-R7 Datasheet HTML 7Page - Analog Devices ADP1712AUJZ-1.3-R7 Datasheet HTML 8Page - Analog Devices ADP1712AUJZ-1.3-R7 Datasheet HTML 9Page - Analog Devices ADP1712AUJZ-1.3-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP1712/ADP1713/ADP1714
Rev. A | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
IN
GND
OUT
1
2
5
EN
SS
3
4
ADP1712
FIXED
TOP VIEW
(Not to Scale)
IN
GND
OUT
1
2
5
EN
ADJ
3
4
ADP1712
ADJUSTABLE
TOP VIEW
(Not to Scale)
IN
GND
OUT
1
2
5
EN
BYP
3
4
ADP1713
TOP VIEW
(Not to Scale)
IN
GND
OUT
1
2
5
EN
TRK
3
4
ADP1714
TOP VIEW
(Not to Scale)
Figure 5. 5-Lead TSOT (UJ-Suffix)
Figure 6. 5-Lead TSOT (UJ-Suffix)
Figure 7. 5-Lead TSOT (UJ-Suffix)
Figure 8. 5-Lead TSOT (UJ-Suffix)
Table 4. Pin Function Descriptions
ADP1712
Fixed
Pin No.
ADP1712
Adjustable
Pin No.
ADP1713
Pin No.
ADP1714
Pin No.
Mnemonic
Description
1
1
1
1
IN
Regulator Input Supply. Bypass IN to GND with a 2.2 μF or greater capacitor.
2
2
2
2
GND
Ground.
3
3
3
3
EN
Enable Input. Drive EN high to turn on the regulator; drive it low to turn
off the regulator. For automatic startup, connect EN to IN.
4
SS
Soft Start. Connect a capacitor between SS and GND to set the output
start-up time.
4
ADJ
Adjust. A resistor divider from OUT to ADJ sets the output voltage.
4
BYP
Bypass. Connect a 1 nF or greater capacitor (10 nF recommended)
between BYP and GND to reduce the internal reference noise for low
noise applications.
4
TRK
Track. The output follows the voltage placed on the TRK pin. (See the
Theory of Operation section for a more detailed description.)
5
5
5
5
OUT
Regulated Output Voltage. Bypass OUT to GND with a 2.2 μF or greater
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com