Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP1712AUJZ-1.8-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1712AUJZ-1.8-R7
Description  300 mA, Low Dropout CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1712AUJZ-1.8-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1712AUJZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP1712AUJZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP1712AUJZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP1712AUJZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP1712AUJZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP1712AUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP1712AUJZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP1712AUJZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP1712AUJZ-1.8-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADP1712/ADP1713/ADP1714
Rev. A | Page 8 of 16
180
0
0.1
1000
ILOAD (mA)
1
10
100
160
140
120
100
80
60
40
20
Figure 15. Dropout Voltage vs. Load Current
3.35
3.00
3.20
3.60
VIN (V)
3.30
3.25
3.20
3.15
3.10
3.05
3.25
3.30
3.35
3.40
3.45
3.50
3.55
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 200mA
ILOAD = 300mA
Figure 16. Output Voltage vs. Input Voltage (in Dropout)
1000
0
3.20
3.60
VIN (V)
900
800
700
600
500
400
300
200
100
3.25
3.30
3.35
3.40
3.45
3.50
3.55
ILOAD =
300mA
ILOAD =
200mA
ILOAD =
100mA
ILOAD =
10mA
ILOAD = 100µA
ILOAD = 1mA
Figure 17. Ground Current vs. Input Voltage (in Dropout)
TIME (20μs/DIV)
LOAD SWITCHED FROM 10mA TO 300mA
VOUT
VIN = 5V
VOUT = 3.3V
CIN = 2.2μF
COUT = 2.2μF
Figure 18. Load Transient Response
TIME (20μs/DIV)
VOUT
VIN = 5V
VOUT = 3.3V
CIN = 10μF
COUT = 10μF
LOAD SWITCHED FROM 10mA TO 300mA
Figure 19. Load Transient Response
TIME (100μs/DIV)
VOUT
VIN = 5V
VOUT = 3.3V
CIN = 10μF
COUT = 10μF
ILOAD = 300mA
VIN STEP FROM 4V TO 5V
1
2
Figure 20. Line Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com