Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP1712AUJZ-3.0-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1712AUJZ-3.0-R7
Description  300 mA, Low Dropout CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1712AUJZ-3.0-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1712AUJZ-3.0-R7 Datasheet HTML 8Page - Analog Devices ADP1712AUJZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADP1712AUJZ-3.0-R7 Datasheet HTML 10Page - Analog Devices ADP1712AUJZ-3.0-R7 Datasheet HTML 11Page - Analog Devices ADP1712AUJZ-3.0-R7 Datasheet HTML 12Page - Analog Devices ADP1712AUJZ-3.0-R7 Datasheet HTML 13Page - Analog Devices ADP1712AUJZ-3.0-R7 Datasheet HTML 14Page - Analog Devices ADP1712AUJZ-3.0-R7 Datasheet HTML 15Page - Analog Devices ADP1712AUJZ-3.0-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADP1712/ADP1713/ADP1714
Rev. A | Page 15 of 16
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-193-AB WITH
THE EXCEPTION OF PACKAGE HEIGHT AND THICKNESS.
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.20
0.08
0.60
0.45
0.30
8°
4°
0°
0.50
0.30
0.10 MAX
*1.00 MAX
*0.90 MAX
0.70 MIN
2.90 BSC
54
12
3
SEATING
PLANE
Figure 40. 5-Lead Thin Small Outline Transistor Package [TSOT]
(UJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Output
Voltage (V)
Package
Description
Package
Option
Branding
ADP1712AUJZ-0.75R71
–40°C to +125°C
0.75
5-Lead TSOT
UJ-5
L3S
ADP1712AUJZ-0.8-R71
–40°C to +125°C
0.80
5-Lead TSOT
UJ-5
L3T
ADP1712AUJZ-0.85R71
–40°C to +125°C
0.85
5-Lead TSOT
UJ-5
L3U
ADP1712AUJZ-0.9-R71
–40°C to +125°C
0.90
5-Lead TSOT
UJ-5
L3V
ADP1712AUJZ-0.95R71
–40°C to +125°C
0.95
5-Lead TSOT
UJ-5
L3W
ADP1712AUJZ-1.0-R71
–40°C to +125°C
1.00
5-Lead TSOT
UJ-5
L3X
ADP1712AUJZ-1.05R71
–40°C to +125°C
1.05
5-Lead TSOT
UJ-5
L3Y
ADP1712AUJZ-1.1-R71
–40°C to +125°C
1.10
5-Lead TSOT
UJ-5
L3Z
ADP1712AUJZ-1.15R71
–40°C to +125°C
1.15
5-Lead TSOT
UJ-5
L4H
ADP1712AUJZ-1.2-R71
–40°C to +125°C
1.20
5-Lead TSOT
UJ-5
L4J
ADP1712AUJZ-1.3-R71
–40°C to +125°C
1.30
5-Lead TSOT
UJ-5
L4K
ADP1712AUJZ-1.5-R71
–40°C to +125°C
1.50
5-Lead TSOT
UJ-5
L4L
ADP1712AUJZ-1.8-R71
–40°C to +125°C
1.80
5-Lead TSOT
UJ-5
L4M
ADP1712AUJZ-2.5-R71
–40°C to +125°C
2.50
5-Lead TSOT
UJ-5
L4N
ADP1712AUJZ-3.0-R71
–40°C to +125°C
3.00
5-Lead TSOT
UJ-5
L4P
ADP1712AUJZ-3.3-R71
–40°C to +125°C
3.30
5-Lead TSOT
UJ-5
L4Q
ADP1712AUJZ-R71
–40°C to +125°C
0.8 to 5
5-Lead TSOT
UJ-5
L4R
ADP1713AUJZ-0.75R71
–40°C to +125°C
0.75
5-Lead TSOT
UJ-5
L4U
ADP1713AUJZ-0.8-R71
–40°C to +125°C
0.80
5-Lead TSOT
UJ-5
L4V
ADP1713AUJZ-0.85R71
–40°C to +125°C
0.85
5-Lead TSOT
UJ-5
L4W
ADP1713AUJZ-0.9-R71
–40°C to +125°C
0.90
5-Lead TSOT
UJ-5
L4X
ADP1713AUJZ-0.95R71
–40°C to +125°C
0.95
5-Lead TSOT
UJ-5
L4Y
ADP1713AUJZ-1.0-R71
–40°C to +125°C
1.00
5-Lead TSOT
UJ-5
L4Z
ADP1713AUJZ-1.05R71
–40°C to +125°C
1.05
5-Lead TSOT
UJ-5
L50
ADP1713AUJZ-1.1-R71
–40°C to +125°C
1.10
5-Lead TSOT
UJ-5
L51
ADP1713AUJZ-1.15R71
–40°C to +125°C
1.15
5-Lead TSOT
UJ-5
L52
ADP1713AUJZ-1.2-R71
–40°C to +125°C
1.20
5-Lead TSOT
UJ-5
L53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com