Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV601LCJSTZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADV601LCJSTZ
Description  Ultralow Cost Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV601LCJSTZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADV601LCJSTZ Datasheet HTML 18Page - Analog Devices ADV601LCJSTZ Datasheet HTML 19Page - Analog Devices ADV601LCJSTZ Datasheet HTML 20Page - Analog Devices ADV601LCJSTZ Datasheet HTML 21Page - Analog Devices ADV601LCJSTZ Datasheet HTML 22Page - Analog Devices ADV601LCJSTZ Datasheet HTML 23Page - Analog Devices ADV601LCJSTZ Datasheet HTML 24Page - Analog Devices ADV601LCJSTZ Datasheet HTML 25Page - Analog Devices ADV601LCJSTZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ADV601LC
–22–
REV. 0
(CONTINUOUS STREAM OF FRAMES)
TIME
FRAME (N)
FRAME (N + 1)
FRAME (N + 2)
FRAME (N + M)
FIELD 2 SEQUENCE
FIELD 1 SEQUENCE
FIELD SEQUENCE STRUCTURE
FIRST BLOCK SEQUENCE
COMPLETE BLOCK SEQUENCE
VERTICAL INTERFACE TIME CODE
START OF FIELD 1 OR 2 CODE
FIRST BLOCK SEQUENCE STRUCTURE
DATA FOR MALLAT BLOCK 6
BIN WIDTH QUANTIZER CODE
SUB-BAND TYPE CODE
COMPLETE BLOCK SEQUENCE ORDER
(STREAM OF MALLAT
BLOCK SEQUENCES)
SEQUENCE FOR MALLAT BLOCK 3
SEQUENCE FOR MALLAT BLOCK 20
SEQUENCE FOR MALLAT BLOCK 9
COMPLETE BLOCK (INDIVIDUAL) SEQUENCE STRUCTURE
DATA FOR MALLAT BLOCK
BIN WIDTH QUANTIZER CODE
START OF BLOCK CODE
Figure 11. Hierarchical Structure of Wavelet Compressed Frame Data (Data Block Order)
Compressed Data-Stream Definition
Through its Host Interface the ADV601LC outputs (during
encode) and receives (during decode) compressed digital video
data. This stream of data passing between the ADV601LC and
the host is hierarchically structured and broken up into blocks of
data as shown in Figure 11. Table IV shows pseudo code for a
video data transfer that matches the transfer order shown in
Figure 11 and uses the code names shown in Table XIV. The
blocks of data listed in Figure 11 correspond to wavelet com-
pressed sections of each field illustrated in Figure 12 as a modified
Mallat diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44