Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP1713AUJZ-0.9-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP1713AUJZ-0.9-R7
Description  300 mA, Low Dropout CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1713AUJZ-0.9-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP1713AUJZ-0.9-R7 Datasheet HTML 1Page - Analog Devices ADP1713AUJZ-0.9-R7 Datasheet HTML 2Page - Analog Devices ADP1713AUJZ-0.9-R7 Datasheet HTML 3Page - Analog Devices ADP1713AUJZ-0.9-R7 Datasheet HTML 4Page - Analog Devices ADP1713AUJZ-0.9-R7 Datasheet HTML 5Page - Analog Devices ADP1713AUJZ-0.9-R7 Datasheet HTML 6Page - Analog Devices ADP1713AUJZ-0.9-R7 Datasheet HTML 7Page - Analog Devices ADP1713AUJZ-0.9-R7 Datasheet HTML 8Page - Analog Devices ADP1713AUJZ-0.9-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADP1712/ADP1713/ADP1714
Rev. A | Page 4 of 16
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
EN INPUT LOGIC HIGH
VIH
2.5 V ≤ VIN ≤ 5.5 V
1.8
V
EN INPUT LOGIC LOW
VIL
2.5 V ≤ VIN ≤ 5.5 V
0.4
V
EN INPUT LEAKAGE CURRENT
VI-LEAKAGE
EN = IN or GND
0.1
1
μA
ADJ INPUT BIAS CURRENT
(ADP1712 ADJUSTABLE)
ADJI-BIAS
30
100
nA
OUTPUT NOISE
OUTNOISE
ADP1713
10 Hz to 100 kHz, VIN = 5.0 V, VOUT = 0.75 V,
with 10 nF bypass capacitor
40
μV rms
ADP1712 and ADP1714
10 Hz to 100 kHz, VIN = 5.0 V, VOUT = 3.3 V
380
μV rms
POWER SUPPLY REJECTION RATIO
PSRR
ADP1713
1 kHz, VIN = 5.0 V, VOUT = 0.75 V, with 10 nF
bypass capacitor
72
dB
ADP1712 and ADP1714
1 kHz, VIN = 5.0 V, VOUT = 3.3 V
65
dB
1 Accuracy when OUT is connected directly to ADJ. When OUT voltage is set by external feedback resistors, absolute accuracy in adjust mode depends on the tolerances
of resistors used.
2 Based on an end-point calculation using 10 mA and 300 mA loads. See
for typical load regulation performance for loads less than 10 mA.
Figure 10
3 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 2.5 V.
4 Start-up time is defined as the time between the rising edge of EN to OUT being at 95% of its nominal value.
5 Current limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 1.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 1.0 V, or 0.9 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com